Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NITROGEND2 Datasheet(PDF) 13 Page - C-Media Electronics

Part # NITROGEND2
Description  16-Bit Stereo USB Audio Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

NITROGEND2 Datasheet(HTML) 13 Page - C-Media Electronics

Back Button NITROGEND2 Datasheet HTML 9Page - C-Media Electronics NITROGEND2 Datasheet HTML 10Page - C-Media Electronics NITROGEND2 Datasheet HTML 11Page - C-Media Electronics NITROGEND2 Datasheet HTML 12Page - C-Media Electronics NITROGEND2 Datasheet HTML 13Page - C-Media Electronics NITROGEND2 Datasheet HTML 14Page - C-Media Electronics NITROGEND2 Datasheet HTML 15Page - C-Media Electronics NITROGEND2 Datasheet HTML 16Page - C-Media Electronics NITROGEND2 Datasheet HTML 17Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Nitrogen D2
USB Audio With Dolby Digital Live and DTS Interactive Solution
Date: 09/25/2005
Version: 1.02
- 13 -
5. ORDERING INFORMATION
Model
Number
Package
Operating Ambient
Temperature
Supply Range
Nitrogen D2
48-Pin LQFP
7mm×7mm×1.4mm (Plastic)
0
oC to +70oC
DVdd = 5V,
AVdd = 5V
48-Lead Thin Plastic Quad Flatpack (LQFP)
Outline Dimensions *Dimensions shown in inches and (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com