Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NITROGEND2 Datasheet(PDF) 4 Page - C-Media Electronics

Part # NITROGEND2
Description  16-Bit Stereo USB Audio Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

NITROGEND2 Datasheet(HTML) 4 Page - C-Media Electronics

  NITROGEND2 Datasheet HTML 1Page - C-Media Electronics NITROGEND2 Datasheet HTML 2Page - C-Media Electronics NITROGEND2 Datasheet HTML 3Page - C-Media Electronics NITROGEND2 Datasheet HTML 4Page - C-Media Electronics NITROGEND2 Datasheet HTML 5Page - C-Media Electronics NITROGEND2 Datasheet HTML 6Page - C-Media Electronics NITROGEND2 Datasheet HTML 7Page - C-Media Electronics NITROGEND2 Datasheet HTML 8Page - C-Media Electronics NITROGEND2 Datasheet HTML 9Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Nitrogen D2
USB Audio With Dolby Digital Live and DTS Interactive Solution
Date: 09/25/2005
Version: 1.02
- 4 -
7.1 ABSOLUTE MAXIMUM RATING
23
7.2 OPERATION CONDITIONS
23
7.3 SPERKER IMPEDANCE VS. OUTPUT POWER (PER CHANNEL)
23
7.4 AUDIO PERFORMANCE
24
8.
AUDIO PERFORMANCE CURVES
25
8.1 FREQUENCY RESPONSE (10K OHM LOADING)
25
8.1.1
FREQUENCY RESPONSE @ 44.1 KS/SEC
25
8.1.2
FREQUENCY RESPONSE @ 48 KS/SEC
25
8.2 PASSBAND RIPPLE (10K OHM LOADING)
26
8.2.1
PASSBAND RIPPLE @ 44.1 KS/SEC
26
8.2.2
PASSBAND RIPPLE @ 48 KS/SEC
26
9. REFERENCE APPLICATION CIRCUIT
27
10.
REFERENCE
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com