Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST2000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4ST2000
Description  Ultra High Ratio Si Hyperabrupt Varactor Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST2000 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4ST2000 Datasheet HTML 1Page - Tyco Electronics MA4ST2000 Datasheet HTML 2Page - Tyco Electronics MA4ST2000 Datasheet HTML 3Page - Tyco Electronics MA4ST2000 Datasheet HTML 4Page - Tyco Electronics MA4ST2000 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
V7
MA4ST2000 Series
1
Ultra High Ratio Si Hyperabrupt Varactor Diode
Features
•
Ultra High Capacitance Ratio,
C(0.1V)/C(4.7V) =18:1
C(0.1V)/C(2.7V) = 12:1
•
Surface Mount Plastic Packages : SC-79, SOD-323,
SC-70, 3 Lead
•
SPC Process for Superior C vs V and Q vs V Repeat-
ability
• Lead-Free (RoHs Compliant) equivalents available
with 260°C reflow compatibility
Description and Applications
M/A-COM’s MA4ST2000 series is a highly repeatable,
UHCVD/ion-implanted, hyperabrupt silicon tuning varactor
in a cost effective surface mount package. This series of
varactors is designed for high capacitance ratio for low
battery voltage operation. It is efficient for wide band tun-
ing and low phase noise application where the supply volt-
age is limited to 5 volts or less. Varactors in this series
have a typical 18:1 capacitance ratio between 0.1 V and
4.7 V and a 12:1 ratio between 0.1 V and 2.7 V. The
Varactors are offered as Singles in both SC-79 and SOD-
323 configurations with Common Cathode version offered
in a SC-70, 3 Lead. These diodes are offered with stan-
dard Sn/Pb plating , as well as 100% matte Sn plating on
our RoHs compliant equivalent devices.
Absolute Maximum Ratings @ TA=+25 °C
(Unless Otherwise Noted)
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. Please refer to application note M538 for surface mounting
instructions
Parameter
Absolute Maximum
Reverse Voltage
12 V
Forward Current
50 mA
Operating Temperature
-55 °C to +125 °C
Storage Temperature
-55 °C to +125 °C
Part Number
RoHs Compliant Part Number
Configuration
Package
Package Cp
(pF)
Package Ls
(nH)
MAVR-002200-12790T
Single
SC-79
0.10
0.6
MAVR-002300-12790T
Single
SC-79
0.10
0.6
MAVR-002400-12790T
Single
SC-79
0.10
0.6
MAVR-002600-12790T
Single
SC-79
0.10
0.6
MA4ST2200-1141T
MAVR-002200-11410T
Single
SOD-323
0.11
1.2
MA4ST2300-1141T
MAVR-002300-11410T
Single
SOD-323
0.11
1.2
MA4ST2400-1141T
MAVR-002400-11410T
Single
SOD-323
0.11
1.2
MA4ST2500-1141T
MAVR-002500-11410T
Single
SOD-323
0.11
1.2
MA4ST2200CK-1146T
MAVR-002200-1146FT
Common Cathode
SC-70 (3L)
0.12
1.3
MA4ST2300CK-1146T
MAVR-002300-1146FT
Common Cathode
SC-70 (3L)
0.12
1.3
MA4ST2400CK-1146T
MAVR-002400-1146FT
Common Cathode
SC-70 (3L)
0.12
1.3
MA4ST2500CK-1146T
MAVR-002500-1146FT
Common Cathode
SC-70 (3L)
0.12
1.3
MA4ST2600-1141T
MAVR-002600-11410T
Single
SOD-323
0.11
1.2
MAVR-002500-12790T
Single
SC-79
0.10
0.6
MA4ST2600CK-1146T
MAVR-002600-1146FT
Common Cathode
SC-70 (3L)
0.12
1.3
SOD-323
SC-70 (3
SC-79


Similar Part No. - MA4ST2000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4ST2000 MA-COM-MA4ST2000 Datasheet
141Kb / 6P
Ultra High Ratio Si Hyperabrupt Varactor Diode
More results

Similar Description - MA4ST2000

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1401 ASI-MV1401 Datasheet
17Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6520-12 ASI-DKV6520-12 Datasheet
13Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
REV. A
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522B ASI-DKV6522B Datasheet
31Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
logo
Sensitron
SCP-5758 SENSITRON-SCP-5758 Datasheet
163Kb / 2P
HYPERABRUPT VARACTOR DIODE
logo
Tyco Electronics
MA4ST1103-1141T MACOM-MA4ST1103-1141T Datasheet
101Kb / 3P
High Tuning Ratio Silicon Hyperabrupt Varactor Diode
logo
M/A-COM Technology Solu...
MA4ST2000 MA-COM-MA4ST2000 Datasheet
141Kb / 6P
Ultra High Ratio Si Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
GaAs Hyperabrupt Varactor Diode
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
GaAs Hyperabrupt Varactor Diode
MHV507-19-1 MA-COM-MHV507-19-1 Datasheet
548Kb / 4P
Silicon Hyperabrupt Varactor Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com