Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST2000 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4ST2000
Description  Ultra High Ratio Si Hyperabrupt Varactor Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST2000 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4ST2000 Datasheet HTML 1Page - Tyco Electronics MA4ST2000 Datasheet HTML 2Page - Tyco Electronics MA4ST2000 Datasheet HTML 3Page - Tyco Electronics MA4ST2000 Datasheet HTML 4Page - Tyco Electronics MA4ST2000 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
V7
MA4ST2000 Series
3
Ultra High Ratio Si Hyperabrupt Varactor Diode
Typical Capacitance Values
MA4ST2200
MAVR-002200-XXXXXX
MA4ST2300
MAVR-002300-XXXXX
MAVR-002301-11410T
MA4ST2400
MAVR-002400-XXXXXX
MA4ST2500
MAVR-002500-XXXXXX
MA4ST2600
MAVR-002600-XXXXXX
Ct (pF)
Ct (pF)
Ct (pF)
0.1
7.643
34.06
60.26
86.48
113.09
0.3
6.746
30.07
53.12
76.34
99.80
0.5
5.948
26.56
46.81
67.36
88.07
1.0
4.006
18.00
31.75
46.09
60.31
1.5
1.895
8.313
15.52
22.83
30.21
2.0
0.985
3.941
7.470
10.05
13.94
VR (V)
Ct (pF)
Ct (pF)
2.5
0.744
2.889
5.407
7.112
9.952
3.0
0.638
2.429
4.512
5.918
8.274
3.5
0.579
2.166
4.000
5.275
7.332
4.0
0.543
1.993
3.663
4.895
6.749
4.5
0.517
1.845
3.370
4.691
6.317
5.0
0.469
1.771
3.200
4.557
6.086
Spice Model
Part Number
N
CJO
(pF)
Vj
(V)
M
Rs
(
Ω)
MA4ST2200
MAVR-002200-XXXXXX
1.261
10.2
12.62
18.60
1.114
MA4ST2300
MAVR-002300-XXXXXX
MAVR-002301-11410T
1.210
46.8
2.450
4.268
1.085
MA4ST2400
MAVR-002400-XXXXXX
1.158
84.6
1.322
2.632
0.903
MA4ST2500
MAVR-002500-XXXXXX
1.204
100
1.616
2.700
0.842
MA4ST2600
MAVR-002600-XXXXXX
1.196
159
1.169
2.270
0.910



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com