Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW110 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4SW110
Description  Broadband Monolithic Silicon PIN Diode Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW110 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4SW110 Datasheet HTML 1Page - Tyco Electronics MA4SW110 Datasheet HTML 2Page - Tyco Electronics MA4SW110 Datasheet HTML 3Page - Tyco Electronics MA4SW110 Datasheet HTML 4Page - Tyco Electronics MA4SW110 Datasheet HTML 5Page - Tyco Electronics MA4SW110 Datasheet HTML 6Page - Tyco Electronics MA4SW110 Datasheet HTML 7Page - Tyco Electronics MA4SW110 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Monolithic Pin Diode Switches
MA4SW110, MA4SW210, MA4SW310
V5.00
Specification Subject to Change Without Notice
2
______________________________________________________________________________ M/A-COM, Inc.
North America: Tel. (800) 366-2266
Fax (800) 618-8883
þ
Asia/Pacific:
Tel. +81 3 3263 8761
Fax +81 3 3263 8769
þ
Europe: Tel. +44 (1344) 869 595
Fax +44 (1344) 300 020
MA4SW110 (SPST)
Electrical Specifications @ TAMB = +25
oC, +/- 20 mA Bias Current
Parameter
Frequency
Minimum
Nominal
Maximum
Units
6 GHz
-
0.4
0.7
dB
13 GHz
-
0.5
0.9
dB
Insertion Loss
20 GHz
-
0.7
1.2
dB
6 GHz
46
55
-
dB
13 GHz
39
47
-
dB
Isolation
20 GHz
34
42
-
dB
6 GHz
22
31
-
dB
13 GHz
15
33
-
dB
Input Return Loss
20 GHz
14
27
-
dB
Switching Speed
1
-
-
20
-
ns
Voltage Rating
2
-
-
-
50
V
Signal Compression @ 500mW
1GHz
-
0.2
-
dB
MA4SW210 (SPDT)
Electrical Specifications @ TAMB = +25
oC, +/- 20 mA Bias Current
Parameter
Frequency
Minimum
Nominal
Maximum
Units
6 GHz
-
0.4
0.7
dB
13 GHz
-
0.5
1.0
dB
Insertion Loss
20 GHz
-
0.7
1.2
dB
6 GHz
48
63
-
dB
13 GHz
40
50
-
dB
Isolation
20 GHz
34
42
-
dB
6 GHz
20
27
-
dB
13 GHz
18
25
-
dB
Input Return Loss
20 GHz
15
25
-
dB
Switching Speed
1
-
-
20
-
ns
Voltage Rating
2
-
-
-
50
V
Signal Compression @ 500mW
1 GHz
-
0.2
-
dB
MA4SW310 (SP3T)
Electrical Specifications @ TAMB = +25
oC, +/- 20 mA Bias Current
Parameter
Frequency
Minimum
Nominal
Maximum
Units
6 GHz
-
0.5
0.8
dB
13 GHz
-
0.7
1.1
dB
Insertion Loss
20 GHz
-
0.9
1.5
dB
6 GHz
49
57
-
dB
13 GHz
42
48
-
dB
Isolation
20 GHz
33
42
-
dB
6 GHz
20
24
-
dB
13 GHz
14
22
-
dB
Input Return Loss
20 GHz
11
21
-
dB
Switching Speed
1
-
-
20
-
ns
Voltage Rating
2
-
-
-
50
V
Signal Compression @ 500mW
1 GHz
-
0.2
-
dB
1 Typical Switching Speed measured from 10 % to 90 % of detected RF signal driven by TTL compatible drivers.
2 The Reverse Current in the shunt or series PIN diode shall be 10
µA maximum at 50 volts reverse voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com