Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW110 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA4SW110
Description  Broadband Monolithic Silicon PIN Diode Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW110 Datasheet(HTML) 5 Page - Tyco Electronics

  MA4SW110 Datasheet HTML 1Page - Tyco Electronics MA4SW110 Datasheet HTML 2Page - Tyco Electronics MA4SW110 Datasheet HTML 3Page - Tyco Electronics MA4SW110 Datasheet HTML 4Page - Tyco Electronics MA4SW110 Datasheet HTML 5Page - Tyco Electronics MA4SW110 Datasheet HTML 6Page - Tyco Electronics MA4SW110 Datasheet HTML 7Page - Tyco Electronics MA4SW110 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Monolithic Pin Diode Switches
MA4SW110, MA4SW210, MA4SW310
V5.00
Specification Subject to Change Without Notice
M/A-COM, Inc. _______________________________________________________________________________
5
North America: Tel. (800) 366-2266
Fax (800) 618-8883
þ
Asia/Pacific:
Tel. +81 3 3263 8761
Fax +81 3 3263 8769
þ
5Europe: Tel. +44 (1344) 869 595
Fax +44 (1344) 300 020
Operation of the MA4SW Series
Operation of the MA4SW series of PIN Switches is
achieved by simultaneous application of negative DC
current to the low loss switching arm J1, J2, or J3, and
positive DC current to the remaining switching arms as
shown in the Bias Connection circuits.
DC return is
achieved via J1. The control currents should be supplied
by constant current sources. The voltages at these points
will not exceed + 1.5 volts (1.2 volts typical) at currents up
to + 50 mA. In the Low Loss state, the series diode must
be forward biased and the shunt diode reverse biased. In
the isolated arm, the shunt diode is forward biased and the
series diode is reverse biased.
Driver Connections
MA4SW110
Control Level
(DC Current) at
Condition of
RF Output
J2
J1-J2
-20 mA
Low Loss
+20 mA
Isolation
MA4SW210
Control Level
(DC Current) at
Condition
of RF
Output
Condition of
RF Output
J2
J3
J1-J2
J1-J3
-20 mA
+20 mA
Low Loss
Isolation
+20 mA
-20 mA
Isolation
Low Loss
MA4SW310
Control Level (DC Current) at
Condition
of RF
Output
Conditio
n of RF
Output
Condition
of RF
Output
J2
J3
J4
J1-J2
J1-J3
J1-J4
-20 mA
+20 mA
+20 mA
Low Loss
Isolation
Isolation
+20 mA
-20 mA
+20 mA
Isolation
Low Loss
Isolation
+20 mA
+20 mA
-20 mA
Isolation
Isolation
Low Loss
Handling Considerations
Cleanliness: These chips should be handled in a clean
environment.
Electro-Static Sensitivity:
The MA4SW Series PIN
switches are ESD, Class 1 sensitive.
The proper ESD
handling procedures should be used.
MA4SW110 and Bias Connections1
20nH
20nH
20pF
20pF
20pF
20pF
100
Ω
J2 BIAS
RF OUTPUT
J2
J1 RF INPUT
Switch
Chip
MA4SW210 and Bias Connections1
J1 RF INPUT
J2 BIAS
J2
RF OUTPUT
J3 BIAS
J3
RF OUTPUT
Switch
Chip
20pF
20pF
20pF
20pF
20pF
20pF
20nH
20nH
20nH
100
Ω
MA4SW310 and Bias Connections1
J2 BIAS
J2
RF OUTPUT
J4
RF OUTPUT
J1 RF INPUT
J4 BIAS
J3 BIAS
J3
RF OUTPUT
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20nH
20nH
20nH
20nH
100
Ω
Notes:
1. RLC values are for a typical operating frequency of 2 - 18 GHz
and Bias Current of ± 20mA per diode.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com