Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW210 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA4SW210
Description  Broadband Monolithic Silicon PIN Diode Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW210 Datasheet(HTML) 4 Page - Tyco Electronics

  MA4SW210 Datasheet HTML 1Page - Tyco Electronics MA4SW210 Datasheet HTML 2Page - Tyco Electronics MA4SW210 Datasheet HTML 3Page - Tyco Electronics MA4SW210 Datasheet HTML 4Page - Tyco Electronics MA4SW210 Datasheet HTML 5Page - Tyco Electronics MA4SW210 Datasheet HTML 6Page - Tyco Electronics MA4SW210 Datasheet HTML 7Page - Tyco Electronics MA4SW210 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Monolithic Pin Diode Switches
MA4SW110, MA4SW210, MA4SW310
V5.00
Specification Subject to Change Without Notice
4
______________________________________________________________________________ M/A-COM, Inc.
North America: Tel. (800) 366-2266
Fax (800) 618-8883
þ
Asia/Pacific:
Tel. +81 3 3263 8761
Fax +81 3 3263 8769
þ
Europe: Tel. +44 (1344) 869 595
Fax +44 (1344) 300 020
Typical Performance Curves @ TAMB = +25°C, +/- 20mA Bias Current
MA4SW110
ISOLATION vs FREQUENCY
-8 0
-7 5
-7 0
-6 5
-6 0
-5 5
-5 0
-4 5
-4 0
-3 5
0
5
10
15
20
25
30
F R E Q U E NC Y (G H z)
MA4SW310
ISOLATION vs FREQUENCY
-8 0
-7 5
-7 0
-6 5
-6 0
-5 5
-5 0
-4 5
-4 0
-3 5
0
5
1 0
15
20
25
30
F R E Q U E NC Y (G H z)
INSERTION LOSS vs BIAS CURRENT
@ 10 GHz
-0 .7
-0 .6 5
-0 .6
-0 .5 5
-0 .5
-0 .4 5
-0 .4
-0 .3 5
0
5
10
1 5
2 0
25
30
35
40
45
50
55
CU RR E N T (m A )
M A 4S W 3 10
MA 4 S W 2 10
M A 4S W 110
ISOLATION vs BIAS CURRENT
@ 10 GHz
-5 4
-5 3
-5 2
-5 1
-5 0
-4 9
-4 8
-4 7
-4 6
0
5
10
15
20
25
30
35
4 0
45
50
55
CU RR E N T (m A )
M A 4S W 310
M A 4S W 2 10
M A 4S W 1 10
MA4SW210
ISOLATION vs FREQUENCY
-8 0
-7 5
-7 0
-6 5
-6 0
-5 5
-5 0
-4 5
-4 0
-3 5
0
5
10
15
20
25
30
F R E Q U E NCY (G H z)
INPUT RETURN LOSS vs BIAS CURRENT
@ 10 GHz
-3 4
-3 2
-3 0
-2 8
-2 6
-2 4
-2 2
0
5
10
15
20
2 5
30
35
4 0
45
50
55
CU RR E N T (m A )
M A 4S W 310
M A 4S W 2 10
M A 4S W 110
OUTPUT RETURN LOSS vs BIAS CURRENT
@ 10 GHz
-25.5
-2 5
-24.5
-2 4
-23.5
-2 3
-22.5
-2 2
-21.5
0
5
10
1 5
2 0
25
30
35
40
45
50
55
CU RR E N T (m A )
M A 4S W 310
M A 4S W 210
M A 4S W 110



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com