Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW210 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4SW210
Description  Broadband Monolithic Silicon PIN Diode Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW210 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4SW210 Datasheet HTML 1Page - Tyco Electronics MA4SW210 Datasheet HTML 2Page - Tyco Electronics MA4SW210 Datasheet HTML 3Page - Tyco Electronics MA4SW210 Datasheet HTML 4Page - Tyco Electronics MA4SW210 Datasheet HTML 5Page - Tyco Electronics MA4SW210 Datasheet HTML 6Page - Tyco Electronics MA4SW210 Datasheet HTML 7Page - Tyco Electronics MA4SW210 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Specification Subject to Change Without Notice
M/A-COM, Inc. _______________________________________________________________________________
1
North America: Tel. (800) 366-2266
Fax (800) 618-8883
þ
Asia/Pacific:
Tel. +81 3 3263 8761
Fax +81 3 3263 8769
þ
1Europe: Tel. +44 (1344) 869 595
Fax +44 (1344) 300 020
Features
• Broad Bandwidth
• Specified up to 20 GHz
• Usable to 26.5 GHz
• Low Insertion Loss / High Isolation
• Rugged, Fully Monolithic, Glass Encapsulated
Construction
Description
The MA4SW110, 210 and 310 series are broad band
monolithic switches using series and shunt connected
silicon PIN diodes. They are designed for use as small
signal, high performance switches in applications up to
26.5 Ghz. They provide performance levels superior to
those realized by hybrid MIC designs incorporating
beam lead and PIN chip diodes that require chip and
wire assembly.
These
switches
are
fabricated
using
M/A-COM’s
patented HMIC
TM
(Heterolithic Microwave Integrated
Circuit) process, US Patent 5,268,310.
This process
allows the incorporation of silicon pedestals that form
series and shunt diodes or vias by imbedding them in
low loss glass. By using small spacing between
elements, this combination of silicon and glass gives
HMIC devices low loss and high isolation performance
through low millimeter frequencies.
Large bond pads facilitate the use of low inductance
ribbon leads, while gold backside metalization allows for
manual or automatic chip bonding via 80/20 AuSn solder
or conductive epoxy
Absolute Maximum Ratings1
1. Exceeding these limits may cause permanent damage.
MA4SW110 (SPST)
Broadband Monolithic
Silicon PIN Diode Switches
Rev 5.0
MA4SW110
MA4SW210
MA4SW310
MA4SW210 (SPDT)
MA4SW310 (SP3T)
Parameter
Absolute Maximum
Operating Temperature
-65
oC to +125oC
Storage Temperature
-65
oC to +150oC
Applied Voltage (Reverse)
50 volts
RF Incident Power
+30 dBm
Bias Current
50mA


Similar Part No. - MA4SW210

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW210 MACOM-MA4SW210 Datasheet
208Kb / 8P
Monolithic PIN Diode Switches
logo
M/A-COM Technology Solu...
MA4SW210 MA-COM-MA4SW210 Datasheet
302Kb / 8P
HMIC??Silicon PIN Diode Switches RoHS Compliant
MA4SW210 MA-COM-MA4SW210 Datasheet
906Kb / 9P
HMIC Silicon PIN Diode Switches
logo
Tyco Electronics
MA4SW210B-1 MACOM-MA4SW210B-1 Datasheet
879Kb / 9P
Monolithic Pin Diode Switches with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
153Kb / 7P
HMIC??Silicon PIN Diode Switches with Integrated Bias Network
More results

Similar Description - MA4SW210

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW110 MACOM-MA4SW110 Datasheet
208Kb / 8P
Monolithic PIN Diode Switches
MA4SW101 MACOM-MA4SW101 Datasheet
319Kb / 4P
Surface Mount Monolithic PIN Diode Switches
MASW-001100-002100-003100 MACOM-MASW-001100-002100-003100 Datasheet
297Kb / 8P
Broadband Monolithic Silicon PIN Diode Switches
MA4SW101-287T MACOM-MA4SW101-287T Datasheet
106Kb / 4P
Surface Mount Monolithic PIN Diode Switches
logo
M/A-COM Technology Solu...
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MA4SW110-210-310 MA-COM-MA4SW110-210-310 Datasheet
817Kb / 9P
HMIC??Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B Datasheet
151Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-001100 MA-COM-MASW-001100_15 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B_15 Datasheet
151Kb / 7P
HMIC Silicon PIN Diode Switches
MA4SW110 MA-COM-MA4SW110_15 Datasheet
906Kb / 9P
HMIC Silicon PIN Diode Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com