Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW410 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4SW410
Description  SP4T Monolithic PIN Diode Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW410 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4SW410 Datasheet HTML 1Page - Tyco Electronics MA4SW410 Datasheet HTML 2Page - Tyco Electronics MA4SW410 Datasheet HTML 3Page - Tyco Electronics MA4SW410 Datasheet HTML 4Page - Tyco Electronics MA4SW410 Datasheet HTML 5Page - Tyco Electronics MA4SW410 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SP4T PIN Diode Switch
MA4SW410
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Typical Driver Connections
Condition of
RF Output
Condition of
RF Output
Condition of
RF Output
Condition of
RF Output
J2
J3
J4
J5
J1-J2
J1-J3
J1-J4
-20 mA
+20 mA
+20 mA
+20 mA
Low Loss
Isolation
Isolation
Isolation
+20 mA
-20 mA
+20 mA
+20 mA
Isolation
Low Loss
Isolation
Isolation
+20 mA
+20 mA
-20 mA
+20 mA
Isolation
Isolation
Low Loss
Isolation
+20 mA
+20 mA
+20 mA
-20 mA
Isolation
Isolation
Isolation
Low Loss
Control Level (DC Current) at Port
J1-J5
Electrical Specifications @ TA = + 25 °C, +/- 20 mA Bias Current
(On-Wafer Measurements)
Parameters
Frequency
Minimum
Nominal
Units
Insertion Loss
20 GHz
0.9
1.3
dB
Isolation
20 GHz
28
34
dB
Input Return Loss
20 GHz
15
dB
Maximum
Output Return Loss
20 GHz
15
dB
Switching Speed
1
10 GHz
50
nS
1. Typical Switching Speed is measured from 10 % to 90 % of Detected RF Voltage driven by a TTL compatible driver. Driver
Output Parallel RC Network uses a Capacitor between 390 – 560 pF and a Resistor between 150 – 220 Ohms to achieve
50 nS Rise and Fall Times.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com