Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW410 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4SW410
Description  SP4T Monolithic PIN Diode Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW410 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4SW410 Datasheet HTML 1Page - Tyco Electronics MA4SW410 Datasheet HTML 2Page - Tyco Electronics MA4SW410 Datasheet HTML 3Page - Tyco Electronics MA4SW410 Datasheet HTML 4Page - Tyco Electronics MA4SW410 Datasheet HTML 5Page - Tyco Electronics MA4SW410 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
n
Ultra Broad Bandwidth : 50 MHz to 26 GHz
n
0.9 Insertion Loss , 34 dB Isolation at 20 GHz
n
50 ns Switching Speed
n
Reliable, Fully Monolithic, Glass Encapsulated
Construction
Description
The MA4SW410 is a SP4T Series-Shunt Broad Band Switch made
with M/A-COM’s Unique HMIC
TM
(Heterolithic Microwave
Integrated Circuit) Process, US Patent 5,268,310. This process
allows the incorporation of silicon pedestals that form Series and
Shunt diodes or vias by imbedding them in a low loss, low
dispersion glass. This hybrid combination of Silicon and Glass
gives HMIC Switches exceptional low loss and remarkable high
isolation through low millimeter-wave frequencies.
Applications
These High Performance Switches are suitable for use in
Multi-Band
ECM,
Radar,
and
Instrumentation
Control
Circuits where High Isolation to Insertion Loss Ratios are
Required. With a Standard +5 V/-5 V, TTL Controlled PIN Diode
Driver, 50 nS Switching Speeds are Achieved.
SP4T Monolithic PIN
Diode Switch
V 1.00
Outline Drawing
Parameter
Value
Operating Temperature
-65 °C to +125 °C
Storage Temperature
65 °C to +150 °C
RF C.W. Incident Power
(+/-20 mA)
+ 30 dBm
Bias Current Forward
+/-50 mA
Applied Voltage (Reverse)
25 Volts
Absolute Maximum Ratings
1
@ TA = +25 °C (unless otherwise
specified)
1. Exceeding any of these values may result in permanent
damage
Nominal Die Dimensions
Dim
Inches
Millimeters
Nominal
Nominal
A
.066
1.67
B
.047
1.17
C
.054
1.37
D
.012
E
.043
1.08
F
.009
0.22
G
.004
0.11
H
.004
0.11
J
.061
I
.033
0.84
0.31
1.56
Note: Bond Pads are 0.12 mm x 0.12 mm


Similar Part No. - MA4SW410

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW410 MA-COM-MA4SW410 Datasheet
125Kb / 7P
HMIC??Silicon SP4T PIN Diode Switch RoHS Compliant
MA4SW410 MA-COM-MA4SW410 Datasheet
445Kb / 7P
HMIC??Silicon SP4T PIN Diode Switch
logo
Tyco Electronics
MA4SW410B-1 MACOM-MA4SW410B-1 Datasheet
270Kb / 6P
SP4T PIN Diode with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW410B-1 MA-COM-MA4SW410B-1 Datasheet
784Kb / 6P
HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW410B-1 MA-COM-MA4SW410B-1 Datasheet
781Kb / 6P
HMIC??Silicon PIN Diode Switch
More results

Similar Description - MA4SW410

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW4 MACOM-MA4AGSW4 Datasheet
237Kb / 6P
AIGAAS SP4T PIN DIODE SWITCH
MA4SW424B-1 MACOM-MA4SW424B-1 Datasheet
1Mb / 6P
Monolithic SP4T PIN Diode Switch With Integrated Bias Network
MASW-004100 MACOM-MASW-004100 Datasheet
237Kb / 6P
Monolithic PIN SP4T Diode Switch
logo
M/A-COM Technology Solu...
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
418Kb / 8P
HMICTM Silicon PIN Diode SP4T Switch
MA4AGSW4_V4 MA-COM-MA4AGSW4_V4 Datasheet
124Kb / 7P
SP4T AlGaAs PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193_2 Datasheet
136Kb / 7P
HMIC SP4T Silicon PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
507Kb / 7P
HMIC??SP4T Silicon PIN Diode Switch
MA4SW410 MA-COM-MA4SW410 Datasheet
445Kb / 7P
HMIC??Silicon SP4T PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MA4SW410 MA-COM-MA4SW410_14 Datasheet
810Kb / 6P
HMIC Silicon SP4T PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com