Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW510 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA4SW510
Description  SP5T PIN Diode Reflective Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW510 Datasheet(HTML) 5 Page - Tyco Electronics

  MA4SW510 Datasheet HTML 1Page - Tyco Electronics MA4SW510 Datasheet HTML 2Page - Tyco Electronics MA4SW510 Datasheet HTML 3Page - Tyco Electronics MA4SW510 Datasheet HTML 4Page - Tyco Electronics MA4SW510 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SP5T PIN Diode Reflective Switch
MA4SW510
V 2.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
5
Operation of the MA4SW510 Switch
The Simultaneous Application of Negative DC Current to the Low Loss Port and Positive DC current to the
Remaining Isolated Ports as shown in Figure 1 achieves operation of the MA4SW Series of PIN Diode Switches. The
Backside Area of the Die is the RF and DC Return Ground Plane. The DC Return is achieved on Common Port J1.
Constant Current Sources should supply the DC Control Currents. The diode voltages at these points will not exceed
+ 1.5 volts (1.2 volts typical) for Supply Currents up to + 50 mA. In the Low Loss State, the Series Diode must be
Forward Biased and the Shunt Diode Reverse Biased. For All the Isolated Ports, the Shunt Diode is Forward Biased
and the Series Diode is Reverse Biased. The Bias Network Design should yield > 30 dB RF to DC Isolation.
Best Insertion Loss, P1dB, IP3, and Switching Speed is Achieved by using a Voltage Pull-up Resistor in the DC
Return Path, ( J1 ). A Minimum Value of | -2V | is recommended at this Return Node, which is achievable with a
Standard , +/- 5 V TTL Controlled PIN Diode Driver. A Typical DC Bias Schematic for 2-18 GHz Operation is
shown in Figure 1.
Fig 1: 2—18 GHz Bias Network Schematic
HMIC Switch Die
100 Ohms
39 pF
22 nH
22 pF
39 pF
DC Bias
J1
22 nH
22 pF
J2
J3
J5
J6
J4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com