Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW510 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4SW510
Description  SP5T PIN Diode Reflective Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW510 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4SW510 Datasheet HTML 1Page - Tyco Electronics MA4SW510 Datasheet HTML 2Page - Tyco Electronics MA4SW510 Datasheet HTML 3Page - Tyco Electronics MA4SW510 Datasheet HTML 4Page - Tyco Electronics MA4SW510 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Ultra Broad Bandwidth: 50 MHz to 26 GHz
n
1.0 dB Insertion Loss, 30 dB Isolation at 20 GHz
n
Reliable. Fully Monolithic, Glass Encapsulated
Construction
Description
The MA4SW510 is a SP5T Series-Shunt broad band switch
made with M/A-COM’s HMIC
TM (Heterolithic Microwave
Integrated Circuit) process, US Patent 5,268,310. This
process allows the incorporation of silicon pedestals that
form series and shunt diodes or vias by imbedding them in a
low loss, low dispersion glass. This hybrid combination of
Silicon and Glass gives HMIC Switches exceptional low
loss
and
remarkable
high
isolation
through
low
millimeter-wave frequencies.
Applications
These high performance switches are suitable for the use in
multi-band ECM, Radar, and instrumentation control
circuits where high isolation to insertion loss ratios are
required. With a standard +5 V/-5 V, TTL controlled PIN
diode driver, 50 ns switching speeds are achieved.
SP5T PIN Diode
Reflective Switch
V 2.00
MA4SW510 Layout
Parameter
Value
Operating Temperature
-65 °C to +150 °C
Storage Temperature
65 °C to +175 °C
RF C.W. Incident Power
(+/-20 mA)
+ 30 dBm
DC Bias Current (Forward)
+/-50 mA
Applied Voltage (Reverse)
25 V
Absolute Maximum Ratings
1
@ TA = +25 °C (unless otherwise
specified)
1. Exceeding any of these values may result in permanent
damage
Nominal Chip Dimensions
Chip Dimensions (
µm)
X
Y
Chip
1730
1480
Pad Dimensions (
µm)
X
Y
RF
120
120
Pad Locations (
µm)
X
Y
J1
0
0
J2
-750
0
J3
-750
+825
J4
0
+1240
J5
-750
+825
J6
+750
0
Pad Locations Relative to J1


Similar Part No. - MA4SW510

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW510 MA-COM-MA4SW510 Datasheet
489Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch RoHS Compliant
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch
logo
Tyco Electronics
MA4SW510B-1 MACOM-MA4SW510B-1 Datasheet
245Kb / 6P
SP5T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
HMIC??Silicon PIN Diode Switch
More results

Similar Description - MA4SW510

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
AlGaAs SP5T Reflective PIN Diode Switch
MASW-005100 MACOM-MASW-005100 Datasheet
845Kb / 7P
Monolithic PIN SP5T Diode Switch
MASWML027 MACOM-MASWML027 Datasheet
81Kb / 1P
SP5T Reflective Switch with TTL SP5T Reflective Switch with TTL
logo
Microsemi Corporation
GG75030 MICROSEMI-GG75030 Datasheet
85Kb / 2P
REFLECTIVE SP5T SWITCH MODULES
logo
M/A-COM Technology Solu...
MA4AGSW5_V5 MA-COM-MA4AGSW5_V5 Datasheet
140Kb / 7P
SP5T AlGaAs PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194_2 Datasheet
560Kb / 7P
HMIC SP5T Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC??SP5T Silicon PIN Diode Switch
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch
MA4SW510 MA-COM-MA4SW510_15 Datasheet
474Kb / 7P
HMIC Silicon SP5T PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194_14 Datasheet
1Mb / 6P
HMIC Silicon SP5T PIN Diode Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com