Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST2200 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4ST2200
Description  Ultra High Ratio Si Hyperabrupt Varactor Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST2200 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4ST2200 Datasheet HTML 1Page - Tyco Electronics MA4ST2200 Datasheet HTML 2Page - Tyco Electronics MA4ST2200 Datasheet HTML 3Page - Tyco Electronics MA4ST2200 Datasheet HTML 4Page - Tyco Electronics MA4ST2200 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
V7
MA4ST2000 Series
2
Ultra High Ratio Si Hyperabrupt Varactor Diode
Electrical Specifications @ TA = +25 °C
Breakdown Voltage @ IR = 10μA, Vb = 12 V Minimum
Reverse Leakage Current @ VR =10V, IR = 100 nA Maximum
1 The suffix defines package style, configuration and packaging information. Contact representative for complete part identification.
Part Number
Ct*
(pF)
Capacitance Ratio
Rs**
(Ohm)
VR = 0.1 V
VR = 1.0 V
VR = 2.7V VR = 4.7 V
Ct0.1/Ct4.7
Ct0.1/Ct2.7
Typ.
Min.
Nom.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
MA4ST2200
7.68
3.66
4.07
4.48
0.70
0.47
16.3
11.0
3.84
4.6
MA4ST2300
34.2
16.2
18.0
19.8
2.67
1.85
18.5
12.8
0.95
1.2
MA4ST2400
60.3
28.6
31.8
34.9
4.98
3.27
18.4
12.1
0.67
0.9
MA4ST2500
86.4
41.4
46.0
50.6
6.68
4.64
18.6
12.9
0.61
0.8
MA4ST2600
113.3
54.3
60.3
66.4
9.14
6.27
18.1
12.4
0.54
0.7
VR = 4.0 V
Equivalent
RoHs
Compliant
Part
Number
MAVR-002200-XXXXXX
1
MAVR-002300-XXXXX
1
MAVR-002400-XXXXXX
1
MAVR-002500-XXXXXX
1
MAVR-002600-XXXXXX
1
Typical Series Resistance vs. Biasing Voltage
Typical Capacitance vs. Biasing Voltage
Typical Capacitance Change vs. Temperature
Typical Series Resistance vs. Frequency
0
20
40
60
80
100
120
140
01
23
45
Biasing Voltage (V)
MA4ST2200
MA4ST2300
MA4ST2400
MA4ST2500
MA4ST2600
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
1
23
45
Biasing Voltage (V)
MA4ST2200
MA4ST2600
MA4ST2400
MA4ST2300
MA4ST2500
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
200
300
400
500
Frequency (MHz)
MA4ST2500
MA4ST2200
MA4ST2300
MA4ST2400
MA4ST2600
-0.08
-0.04
0
0.04
0.08
-40
-15
10
35
60
85
Temperature (degree C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com