Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST2200 Datasheet (PDF) - Tyco Electronics

MA4ST2200 Datasheet PDF - Tyco Electronics
Part # MA4ST2200
Download  MA4ST2200 Download
File Size   96.01 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ultra High Ratio Si Hyperabrupt Varactor Diode

MA4ST2200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4ST2200 Datasheet PDF - Tyco Electronics

Part # MA4ST2200
Download  MA4ST2200 Click to download

File Size   96.01 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ultra High Ratio Si Hyperabrupt Varactor Diode

MA4ST2200 Datasheet (HTML) - Tyco Electronics


MA4ST2200 Product details

Description and Applications
M/A-COM’s MA4ST2000 series is a highly repeatable, UHCVD/ion-implanted, hyperabrupt silicon tuning varactor in a cost effective surface mount package. This series of varactors is designed for high capacitance ratio for low battery voltage operation. It is efficient for wide band tuning and low phase noise application where the supply voltage is limited to 5 volts or less. Varactors in this series have a typical 18:1 capacitance ratio between 0.1 V and 4.7 V and a 12:1 ratio between 0.1 V and 2.7 V. The Varactors are offered as Singles in both SC-79 and SOD- 323 configurations with Common Cathode version offered in a SC-70, 3 Lead. These diodes are offered with standard Sn/Pb plating , as well as 100% matte Sn plating on our RoHs compliant equivalent devices.

Features
• Ultra High Capacitance Ratio,
   C(0.1V)/C(4.7V) =18:1
   C(0.1V)/C(2.7V) = 12:1
• Surface Mount Plastic Packages : SC-79, SOD-323,
   SC-70, 3 Lead
• SPC Process for Superior C vs V and Q vs V 
   Repeatability
• Lead-Free (RoHs Compliant) equivalents available
   with 260°C reflow compatibility




Similar Part No. - MA4ST2200

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4ST2200 MA-COM-MA4ST2200 Datasheet
141Kb / 6P
Ultra High Ratio Si Hyperabrupt Varactor Diode
MA4ST2200CK-1146T MA-COM-MA4ST2200CK-1146T Datasheet
141Kb / 6P
Ultra High Ratio Si Hyperabrupt Varactor Diode
More results


Similar Description - MA4ST2200

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1401 ASI-MV1401 Datasheet
17Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6520-12 ASI-DKV6520-12 Datasheet
13Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
REV. A
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522B ASI-DKV6522B Datasheet
31Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
logo
Sensitron
SCP-5758 SENSITRON-SCP-5758 Datasheet
163Kb / 2P
HYPERABRUPT VARACTOR DIODE
logo
Tyco Electronics
MA4ST1103-1141T MACOM-MA4ST1103-1141T Datasheet
101Kb / 3P
High Tuning Ratio Silicon Hyperabrupt Varactor Diode
logo
M/A-COM Technology Solu...
MA4ST2000 MA-COM-MA4ST2000 Datasheet
141Kb / 6P
Ultra High Ratio Si Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
GaAs Hyperabrupt Varactor Diode
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
GaAs Hyperabrupt Varactor Diode
MHV507-19-1 MA-COM-MHV507-19-1 Datasheet
548Kb / 4P
Silicon Hyperabrupt Varactor Diode
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com