Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST2200 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4ST2200 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4ST2200
Download  MA4ST2200 Download
File Size   141.59 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Ultra High Ratio Si Hyperabrupt Varactor Diode

MA4ST2200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4ST2200 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4ST2200
Download  MA4ST2200 Click to download

File Size   141.59 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Ultra High Ratio Si Hyperabrupt Varactor Diode

MA4ST2200 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4ST2200 Product details

Description and Applications
M/A-COM’s MA4ST2000 series is a highly repeatable, UHCVD/ion-implanted, hyperabrupt silicon tuning varactor in a cost effective surface mount package. This series of varactors is designed for high capacitance ratio for low battery voltage operation. It is efficient for wide band tuning and low phase noise application where the supply voltage is limited to 5 volts or less. Varactors in this series have a typical 18:1 capacitance ratio between 0.1 V and 4.7 V and a 12:1 ratio between 0.1 V and 2.7 V. The Varactors are offered as Singles in both SC-79 and SOD-323 configurations with Common Cathode version offered in a SC-70, 3 Lead. These diodes are offered with standard Sn/Pb plating , as well as 100% matte Sn plating on our RoHs compliant equivalent devices.

Features
• Ultra High Capacitance Ratio,
   C(0.1V)/C(4.7V) =18:1
   C(0.1V)/C(2.7V) = 12:1
• Surface Mount Plastic Packages: SC-79, SOD-323,
   SC-70, 3 Lead
• SPC Process for Superior C vs. V and Q vs. V
   Repeatability
• RoHS Compliant equivalents available with 260°C
   reflow compatibility




Similar Part No. - MA4ST2200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST2200 MACOM-MA4ST2200 Datasheet
96Kb / 5P
Ultra High Ratio Si Hyperabrupt Varactor Diode
MA4ST2200-1141T MACOM-MA4ST2200-1141T Datasheet
96Kb / 5P
Ultra High Ratio Si Hyperabrupt Varactor Diode
MA4ST2200CK-1146T MACOM-MA4ST2200CK-1146T Datasheet
96Kb / 5P
Ultra High Ratio Si Hyperabrupt Varactor Diode
More results


Similar Description - MA4ST2200

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1401 ASI-MV1401 Datasheet
17Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6520-12 ASI-DKV6520-12 Datasheet
13Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
REV. A
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522B ASI-DKV6522B Datasheet
31Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
logo
Sensitron
SCP-5758 SENSITRON-SCP-5758 Datasheet
163Kb / 2P
HYPERABRUPT VARACTOR DIODE
logo
Tyco Electronics
MA4ST1103-1141T MACOM-MA4ST1103-1141T Datasheet
101Kb / 3P
High Tuning Ratio Silicon Hyperabrupt Varactor Diode
MA4ST2000 MACOM-MA4ST2000 Datasheet
96Kb / 5P
Ultra High Ratio Si Hyperabrupt Varactor Diode
logo
M/A-COM Technology Solu...
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
GaAs Hyperabrupt Varactor Diode
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
GaAs Hyperabrupt Varactor Diode
MHV507-19-1 MA-COM-MHV507-19-1 Datasheet
548Kb / 4P
Silicon Hyperabrupt Varactor Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com