Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST2200 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST2200
Description  Ultra High Ratio Si Hyperabrupt Varactor Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST2200 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4ST2200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4ST2200 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Ultra High Ratio Si Hyperabrupt Varactor Diode
Rev. V10
MA4ST2000 Series
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.4155721
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TA = +25 °C
Breakdown Voltage @ IR = 10μA, Vb = 30 V Minimum;
Reverse Leakage Current @ VR =10V, IR = 100 nA Maximum
Typical Series Resistance vs. Biasing Voltage
Typical Capacitance vs. Biasing Voltage
Typical Capacitance Change vs. Temperature
Typical Series Resistance vs. Frequency
0
20
40
60
80
100
120
140
01
23
45
Biasing Voltage (V)
MA4ST2200
MA4ST2300
MA4ST2400
MA4ST2500
MA4ST2600
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
01
23
4
5
Biasing Voltage (V)
MA4ST2200
MA4ST2600
MA4ST2400
MA4ST2300
MA4ST2500
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
200
300
400
500
Frequency (MHz)
MA4ST2500
MA4ST2200
MA4ST2300
MA4ST2400
MA4ST2600
-0.08
-0.04
0
0.04
0.08
-40
-15
10
35
60
85
Temperature (degree C)
Part
Number1
RoHS Compliant
Part Number1
Ct 2
(pF)
Capacitance
Ratio
VR = 0.1 V
VR = 1.0 V
VR =
2.7 V
VR =
4.7 V
Ct0.1/
Ct4.7
Ct0.1/
Ct2.7
VR = 4.0 V
Typ.
Min. Nom. Max.
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
MA4ST2200
MAVR-002200-XXXXXX
3
7.68
3.7
4.1
4.5
0.70
0.47
16.3
11.0
3.84
4.6
MA4ST2300
MAVR-002300-XXXXX
3
34.2
16.2
18.0
19.8
2.67
1.85
18.5
12.8
0.95
1.2
MA4ST2400
MAVR-002400-XXXXXX
3
60.3
29
32
35.2
4.98
3.27
18.4
12.1
0.67
0.9
MA4ST2500
MAVR-002500-XXXXXX
3
86.4
41.4
46.0
50.6
6.68
4.64
18.6
12.9
0.61
0.8
MA4ST2600
MAVR-002600-XXXXXX
3
113.3
54.3
60.3
66.4
9.14
6.27
18.1
12.4
0.54
0.7
Rs 3
(Ohm)
1.
The suffix defines package style, configuration, and packaging information. Contact representative for complete part identification.
2.
Capacitance @ 1 MHz
3.
Series Resistance @ 100 MHz
Specifications subject to change without prior notification



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com