Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02303GJ-R7 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA02303GJ-R7
Description  RF Power Amplifier IC For 2.5 GHz ISM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02303GJ-R7 Datasheet(HTML) 4 Page - Tyco Electronics

  MA02303GJ-R7 Datasheet HTML 1Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 2Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 3Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 4Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 5Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 6Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF Power Amplifier IC
For 2.5 GHz ISM
MA02303GJ
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V7
4
Typical Characteristics (Cont’d) (Measured data from process nominal devices)
-2 0
-1 5
-1 0
-5
0
5
10
15
20
25
30
ƒ0
2 ƒ 0
3 ƒ 0
4ƒ0
P IN = - 2 d B m
ƒ 0 = 24 50 M H z
V DD = 3. 3V
0
1
2
3
4
5
6
-50
0
50
100
150
Temperature T
S
(
oC)
Maximum Operating Temperature (Ts) to Maintain
<150 °C Junction Temperature.
Harmonics
0
5
10
15
20
25
30
35
0
50
100
150
200
250
300
350
-50
0
50
100
P
OUT
I
DD
Temperature, T
S
(
oC)
P
IN
= - 2 dBm
V
DD
- 3.2 V
F = 2450 MHz
0
5
10
15
20
25
30
35
0
50
100
150
200
250
300
350
-50
0
50
100
P
OUT
I
DD
Temperature, T
S
(
oC)
P
IN
= - 2 dBm
V
DD
- 3.6 V
F = 2450 MHz
Output Power and Drain Current vs. Temperature
at VDD = +3.2 V
Output Power and Drain Current vs. Temperature
at VDD = +3.6V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com