Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02303GJ-R7 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA02303GJ-R7
Description  RF Power Amplifier IC For 2.5 GHz ISM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02303GJ-R7 Datasheet(HTML) 5 Page - Tyco Electronics

  MA02303GJ-R7 Datasheet HTML 1Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 2Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 3Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 4Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 5Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 6Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RF Power Amplifier IC
For 2.5 GHz ISM
MA02303GJ
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V7
5
Mechanical Data
Figure 11 Component layout and printed circuit drawing for evaluation board (60 mil GETEK board).
RFIN
+VDD
RFOUT
L2
1
2
3
4
5
6
7
8
T2
C3
C4
3
C1
T1
L1
R1
T3
T4
C5
T5
C6
T6
C2
Full-Downset Paddle
To Board Ground
T7
T8
RFIN
+VDD
RFOUT
L2
1
2
3
4
5
6
7
8
T2
C3
C4
3
C1
T1
L1
R1
T3
T4
C5
T5
C6
T6
C2
Full-Downset Paddle
To Board Ground
T7
T8
Full-Downset Paddle
To Board Ground
T7
T8
Application Information
Figure 12 Evaluation Board Schematic
List of Components
*The board material is 0.060" FR-4 (distance is between RF and GND) with a dielectric constant of about 4.3 (standard FR-4)
Discrete Components
Transmission Line Lengths*
C1 – C4 = 100 pF multilayer ceramic chip capacitor (Dielectric Labs C11AH101K5TXL)
T1 = 0.15"
T2 = 0.21"
T3 = 0.11" (Not very critical)
T4 = 0.16"
T5 = 0.13"
T6 = 0.16"
T7 = 0.13" (Not very critical)
T8 = 0.077" (Not very critical)
T1, T2, T3, T5, T6 are 0.077" wide
T4, T7, and T8 are 0.026" wide
C5 = 2.0 pF multilayer ceramic chip capacitor (Dielectric Labs C11AH2R0BTXL)
C6 = 1.2 pF multilayer ceramic chip capacitor (Dielectric Labs C11AH1R2B5TXL)
R1 = 300 Ω chip resistor (P300ECT-ND)
L1 = 1.8 nH chip inductor (Toko TKS235CT-ND)
L2 = 27 nH chip inductor (Coilcraft 1008CS-270XKBB)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com