Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0046 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAMSS0046
Description  Broadband IF Driver Amplifier 50 - 2500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0046 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAMSS0046 Datasheet HTML 1Page - Tyco Electronics MAAMSS0046 Datasheet HTML 2Page - Tyco Electronics MAAMSS0046 Datasheet HTML 3Page - Tyco Electronics MAAMSS0046 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Broadband IF Driver Amplifier
50 - 2500 MHz
MAAMSS0046
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
RoHS
Compliant
Features
• Broadband Operation
• Output Intercept Point: +38.5 dBm @ 250 MHz
• Output P1dB: +19 dBm
• High Efficiency
• 50 Ω Input/Output Match
• Gain: 18 dB @ 250 MHz
• Lead-Free SOT-89 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MAAMSS0017
Description
M/A-COM’s MAAMSS0046 driver amplifier is a
GaAs MMIC which exhibits high OIP3 as well as
high gain and low power consumption in a lead-free
SOT-89 surface mount plastic package.
The MAAMSS0046 employs a monolithic single
stage design featuring a convenient 50
Ω input /
output impedance that minimizes the number of
external components required. The device runs off
a single +5 volt supply and draws 70 mA typically.
The MAAMSS0046 is fabricated using M/A-COM’s
iHBT process to realize low current and high power
functionality. The process features full passivation
for increased performance and reliability.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF Input
3
RF Output/Bias
2
Ground
Ordering Information 1
Part Number
Package
MAAMSS0046TR-3000
3000 piece reel
MAAMSS0046SMB
Sample Board (Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
RF Input Power 5
15 dBm
Voltage
6 Volts
Junction Temperature 6
+150°C
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
5. The MAAMSS0046 is designed to operate optimally at 10 dB
backed off from its output P1dB. Driving the device at higher
power levels could degrade performance.
6. Thermal Resistance = 110°C/W.
Functional Schematic
RF In
RF Out
Pin 1
RF In
RF Out
Pin 1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Maximum Operating Conditions 2
Parameter
Maximum Operating
Conditions
Junction Temperature
125°C
RF Input Power
14 dBm
2. Operating at or within these conditions will ensure MTTF > 1 x
106 hours.


Similar Part No. - MAAMSS0046

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0046 MA-COM-MAAMSS0046 Datasheet
126Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
MAAMSS0046SMB MA-COM-MAAMSS0046SMB Datasheet
126Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
MAAMSS0046TR-3000 MA-COM-MAAMSS0046TR-3000 Datasheet
126Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
More results

Similar Description - MAAMSS0046

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX65003 ETC-CX65003 Datasheet
328Kb / 12P
1400 - 2500 MHz Linear Power Amplifier Driver
logo
Tyco Electronics
MAAM-007865-0P1R00 MACOM-MAAM-007865-0P1R00 Datasheet
345Kb / 6P
Broadband Driver Amplifier 50 to 2000 MHz
MAAM-007866-0P1R00 MACOM-MAAM-007866-0P1R00 Datasheet
354Kb / 6P
Broadband Driver Amplifier 50 to 3300 MHz
MAAMSS0017 MACOM-MAAMSS0017 Datasheet
205Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
logo
Stealth Microwave, Inc.
SM2560-47GN STEALTH_MICROWAVE-SM2560-47GN Datasheet
118Kb / 2P
2500 - 6000 MHz 50 Watt Power Amplifier
SM2560-47GN STEALTH_MICROWAVE-SM2560-47GN_1 Datasheet
118Kb / 2P
2500 - 6000 MHz 50 Watt Power Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0017 MA-COM-MAAMSS0017 Datasheet
157Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
MAAMSS0046 MA-COM-MAAMSS0046 Datasheet
126Kb / 4P
Broadband IF Driver Amplifier 50 - 2500 MHz
MAAM-007865-0P1R00 MA-COM-MAAM-007865-0P1R00 Datasheet
216Kb / 6P
Broadband Driver Amplifier 50 to 2000 MHz
MAAM-007866-0P1R00 MA-COM-MAAM-007866-0P1R00 Datasheet
222Kb / 6P
Broadband Driver Amplifier 50 to 3300 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com