Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0046 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0046
Description  Broadband IF Driver Amplifier 50 - 2500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0046 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0046 Datasheet HTML 1Page - Tyco Electronics MAAMSS0046 Datasheet HTML 2Page - Tyco Electronics MAAMSS0046 Datasheet HTML 3Page - Tyco Electronics MAAMSS0046 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Broadband IF Driver Amplifier
50 - 2500 MHz
MAAMSS0046
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, VCC = 5 V, Z0 = 50 Ω, PIN ≤ -10 dBm
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
—
250 MHz
50 - 600 MHz
600 - 1500 MHz
1500 - 2000 MHz
2000 - 2500 MHz
dB
dB
dB
dB
dB
15.5
—
—
—
—
18
17
12.5
10.5
8
19.5
—
—
—
—
Noise Figure
—
50 - 600 MHz
600 - 1500 MHz
1500 - 2500 MHz
dB
dB
dB
—
—
—
4.8
5.1
5.3
—
—
—
Input Return Loss
—
50 - 600 MHz
600 - 2500 MHz
dB
dB
—
—
10
13
—
—
Output Return Loss
—
50 - 600 MHz
600 - 1500 MHz
1500 - 2500 MHz
dB
dB
dB
—
—
—
10
13
10
—
—
—
Output
1dB Compression
—
50 - 600 MHz
600 - 2500 MHz
dBm
dBm
—
—
20
19
—
—
Output IP3
Two tone, PIN / Tone = -13 dBm,
Tone spacing = 10 MHz
250 MHz
50 - 600 MHz
600 - 2500 MHz
dBm
dBm
dBm
35
—
—
38.5
37
34
—
—
—
Current
VCC = 5 V
—
mA
—
70
100
Component List
Part
Value
Package
Manufacturer
C1
150 pF
0603
Murata
C2
0.1 µF
0603
Murata
C3
1000 pF
0603
Murata
L1
180 nH
1008
Coilcraft
PCB Configuration
Schematic Including Off-Chip
Components
RF In
RF Out
C1
L1
C3
C2
+ 5V
Pin 1
Operating the MAAMSS0046
The MAAMSS0046 can be damaged by electrostatic
discharge (ESD).
Use proper ESD control techniques
when handling this device. To operate the MAAMSS0046,
follow these steps.
1.
Apply VCC (5.0 V).
2.
Set PIN.
3.
Turn off in reverse order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com