Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0048 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAMSS0048
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0048 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAMSS0048 Datasheet HTML 1Page - Tyco Electronics MAAMSS0048 Datasheet HTML 2Page - Tyco Electronics MAAMSS0048 Datasheet HTML 3Page - Tyco Electronics MAAMSS0048 Datasheet HTML 4Page - Tyco Electronics MAAMSS0048 Datasheet HTML 5Page - Tyco Electronics MAAMSS0048 Datasheet HTML 6Page - Tyco Electronics MAAMSS0048 Datasheet HTML 7Page - Tyco Electronics MAAMSS0048 Datasheet HTML 8Page - Tyco Electronics MAAMSS0048 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0048
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
1
RoHS
Compliant
Features
• Output Intercept Point of +40 dBm over a 20 dB
Input Power Range
• Broadband Operation
• Excellent ACPR performance
• Lead-Free SOT-89 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAMSS0048 RF driver amplifier is a
GaAs MMIC which exhibits exceptional linearity
performance over a dynamic range greater than 20
dB, as well as high gain in a lead-free miniature
SOT-89 surface mount plastic package. The device
runs off a single +5 volt supply and draws 160 mA
typically.
The MAAMSS0048 is fabricated using an HBT
process to realize low current and high linearity. The
process features full passivation for increased
performance and reliability.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF Input
3
RF Output/
Bias
2
Ground
1. Reference Application Note M513 for reel size information.
Part Number
Package
MAAMSS0048
Bulk Packaging
MAAMSS0048SMB-01
900 MHz Configuration
MAAMSS0048SMB-02
1900 MHz Configuration
MAAMSS0048SMB-03
2150 MHz Configuration
MAAMSS0048TR-3000
3000 piece reel
Functional Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Parameter
Maximum Operating
Conditions
Junction Temperature 3
160°C
RF Output Power
27 dBm
Operating Temperature
-40°C to +85°C
2. Operating at or within these conditions will ensure MTTF > 1 x
106 hours.
3. Typical thermal resistance (Өjc) = 80°C/W.
Parameter
Absolute Maximum
RF Output Power
28 dBm
Voltage
6 volts
Storage Temperature
-65°C to +150°C
Junction Temperature
200°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
RF In
RF Out
Pin 1
RF In
RF Out / Bias
Pin 1
RF In
RF Out
Pin 1
RF In
RF Out / Bias
Pin 1
Maximum Operating Conditions
2
Ordering Information
1
Absolute Maximum Ratings
4,5


Similar Part No. - MAAMSS0048

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0040 MACOM-MAAMSS0040 Datasheet
229Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
logo
M/A-COM Technology Solu...
MAAMSS0040 MA-COM-MAAMSS0040 Datasheet
107Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
logo
Tyco Electronics
MAAMSS0040SMB MACOM-MAAMSS0040SMB Datasheet
229Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
logo
M/A-COM Technology Solu...
MAAMSS0040SMB MA-COM-MAAMSS0040SMB Datasheet
107Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
logo
Tyco Electronics
MAAMSS0040TR MACOM-MAAMSS0040TR Datasheet
229Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
More results

Similar Description - MAAMSS0048

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAMD6254 DAICO-CAMD6254 Datasheet
111Kb / 1P
30 MHz RF Driver Amplifier
logo
Tyco Electronics
MAAMSS0056 MACOM-MAAMSS0056 Datasheet
321Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0073 MACOM-MAAMSS0073 Datasheet
250Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0049 MACOM-MAAMSS0049 Datasheet
479Kb / 11P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0050 MACOM-MAAMSS0050 Datasheet
351Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0057 MACOM-MAAMSS0057 Datasheet
202Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0072 MACOM-MAAMSS0072 Datasheet
241Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0071 MACOM-MAAMSS0071 Datasheet
348Kb / 12P
RF Driver Amplifier 300 - 4000 MHz
MAAMSS0058 MACOM-MAAMSS0058 Datasheet
227Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
logo
Advanced Semiconductor ...
ASX415 ASB-ASX415_17 Datasheet
1Mb / 18P
250 ~ 4000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com