Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0048 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0048
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0048 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0048 Datasheet HTML 1Page - Tyco Electronics MAAMSS0048 Datasheet HTML 2Page - Tyco Electronics MAAMSS0048 Datasheet HTML 3Page - Tyco Electronics MAAMSS0048 Datasheet HTML 4Page - Tyco Electronics MAAMSS0048 Datasheet HTML 5Page - Tyco Electronics MAAMSS0048 Datasheet HTML 6Page - Tyco Electronics MAAMSS0048 Datasheet HTML 7Page - Tyco Electronics MAAMSS0048 Datasheet HTML 8Page - Tyco Electronics MAAMSS0048 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0048
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
RoHS
Compliant
Lead-Free SOT-89 Plastic Package
†
†
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Electrical Specifications: TA = +25°C, VCC = +5 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
900 MHz
1900 MHz
2140 MHz
dB
dB
dB
19.5
14.5
14.0
21.0
16.0
15.5
22.5
17.5
17.0
Output IP3
(+18 dBm / tone, 1 MHz spacing)
900 MHz
1900 MHz
2140 MHz
dBm
dBm
dBm
38.0
38.0
38.0
40.0
40.0
40.0
—
—
—
Noise Figure
900 MHz
1900 MHz
2140 MHz
dB
dB
dB
—
—
—
4.5
3.3
3.5
5.7
4.5
4.7
Current @ 18 dBm Output
2140 MHz
mA
125
175
225
Typical Performance: TA = +25°C, VCC = +5 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
900 MHz
1900 MHz
2140 MHz
Input Return Loss
dB
15
15
10
Output Return Loss
dB
15
10
12
Output P1dB
dB
27
27
27
Channel Power
-45 dBc ACPR, IS-95 9 channels fwd
-45 dBc ACPR, 3GPP WCDMA
dBm
dBm
20
—
19
—
—
18
Quiescent Current
mA
160
160
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com