Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0049 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0049
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0049 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0049 Datasheet HTML 1Page - Tyco Electronics MAAMSS0049 Datasheet HTML 2Page - Tyco Electronics MAAMSS0049 Datasheet HTML 3Page - Tyco Electronics MAAMSS0049 Datasheet HTML 4Page - Tyco Electronics MAAMSS0049 Datasheet HTML 5Page - Tyco Electronics MAAMSS0049 Datasheet HTML 6Page - Tyco Electronics MAAMSS0049 Datasheet HTML 7Page - Tyco Electronics MAAMSS0049 Datasheet HTML 8Page - Tyco Electronics MAAMSS0049 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0049
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, VCC = 5 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
900 MHz
1900 MHz
2140 MHz
dB
dB
dB
—
—
14
19.0
15.5
15.5
—
—
—
Input Return Loss
900 MHz
1900 MHz
2140 MHz
dB
dB
dB
—
—
—
-15
-11
-20
—
—
—
Output Return Loss
900 MHz
1900 MHz
2140 MHz
dB
dB
dB
—
—
—
-15
-10
-15
—
—
—
Output P1dB
900 MHz
1900 MHz
2140 MHz
dBm
dBm
dBm
—
—
—
28.5
28.5
28.5
—
—
—
Output IP3
(+20 dBm / tone, 1 MHz spacing)
900 MHz
1900 MHz
2140 MHz
dBm
dBm
dBm
—
—
38
43
43
43
—
—
—
Channel Power
(@ -45 dBc ACPR, IS-95 9 channels fwd)
900 MHz
1900 MHz
2140 MHz
dBm
dBm
dBm
—
—
—
22
20
19
—
—
—
Noise Figure
900 MHz
1900 MHz
2140 MHz
dB
dB
dB
—
—
—
3.5
3.5
3.5
—
—
—
Device / Supply Voltage
900 MHz
1900 MHz
2140 MHz
V
V
V
—
—
—
5
5
5
—
—
—
Quiescent Current
mA
—
230
—
Current @ 20 dBm Output
2140 MHz
mA
—
288
325
Lead-Free
SOT-89 Plastic Package†
†
Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com