Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0049 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAMSS0049
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0049 Datasheet(HTML) 4 Page - Tyco Electronics

  MAAMSS0049 Datasheet HTML 1Page - Tyco Electronics MAAMSS0049 Datasheet HTML 2Page - Tyco Electronics MAAMSS0049 Datasheet HTML 3Page - Tyco Electronics MAAMSS0049 Datasheet HTML 4Page - Tyco Electronics MAAMSS0049 Datasheet HTML 5Page - Tyco Electronics MAAMSS0049 Datasheet HTML 6Page - Tyco Electronics MAAMSS0049 Datasheet HTML 7Page - Tyco Electronics MAAMSS0049 Datasheet HTML 8Page - Tyco Electronics MAAMSS0049 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0049
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
4
RoHS
Compliant
Parts List
Cross Section View
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between 50 Ω
lines and package pins.
M/A-COM recommends an FR-4
dielectric thickness of 0.008” (0.20 mm) yielding a 50 Ω line
width of 0.015” (0.38 mm).
The recommended RF
metalization is 1 ounce copper.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Part
Value
Used on Freq.
Band
Case
Style
Manufacturer
Purpose
C1, C4
1000 pF
300, 900
0402
Murata
DC Block
C6
1000 pF
All
0402
Murata
Bypass
C2
6.8 pF
900
0402
Murata
Input Tuning
C3
3.3 pF
1900
0402
Murata
Output Tuning
C5
39 pF
1900, 2140
0402
Murata
DC Block
C7
2.7 pF
1900, 2140
0402
Murata
Input Tuning & DC Block
C8
15 pF
300, 1900, 2140,
2400, 3500
0402
Murata
Bypass
C9, C10
0.1 uF
All
0402
Murata
Bypass
C11
4.7 pF
900
0402
Murata
Output Tuning
C12
1.2 pF
900
0402
Murata
Output Tuning
C13
2.2 pF
1900
0402
Murata
Input Tuning
C16, C21
2.2 pF
2140, 2400
0402
Murata
Output Tuning
C14
5 pF
1900
0402
Murata
Output Tuning & DC Block
C15
100 pF
900
0402
Murata
Bypass
C17, C20, C23
1 pF
2140, 2400, 3500
0402
Murata
Input Tuning & Output Tuning
L1, L8
2.2 nH
900, 2400
0402
Coilcraft
Input Tuning
L2
5.6 nH
1900
0402
Coilcraft
Bias Injection
L3
1 nH
900
0402
Coilcraft
Output Tuning
L4
15 nH
900
0402
Coilcraft
Bias Injection
L5
3.6 nH
2140
0402
Coilcraft
Bias Injection
R1, R2
0 Ohms
1900, 2140
0402
Panasonic
Jumper
C18, C19
18 pF
300
0402
Murata
Input Tuning & Output Tuning
C22
0.5 pF
2400, 3500
0402
Murata
Input Tuning & Output Tuning
L6
23 nH
300
0402
Panasonic
Input Tuning
L7
8.2 nH
300
0402
Coilcraft
Output Tuning



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com