Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0072 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAMSS0072
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0072 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAMSS0072 Datasheet HTML 1Page - Tyco Electronics MAAMSS0072 Datasheet HTML 2Page - Tyco Electronics MAAMSS0072 Datasheet HTML 3Page - Tyco Electronics MAAMSS0072 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0072
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
RoHS
Compliant
Features
• Broadband High Gain Operation
• Optimized Performance for WiMax Applications
• Excellent EVM Performance: 1.5% @ 18 dBm
• High Efficiency
• Lead-Free 4x4 mm PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAMSS0072 RF driver amplifier is a
two-stage GaAs MMIC which exhibits exceptional
linearity performance as well as high gain in a lead-
free
4x4
mm
PQFN
surface mount
plastic
package. The device is biased with a single +5 volt
supply and consumes 200 mA typically.
The MAAMSS0072 is fabricated using a high
linearity HBT process to realize low current and high
power functionality. The process features full
passivation for increased performance and reliability.
The MAAMSS0072 can be externally tuned for
operation anywhere within the 250 to 4000 MHz
frequency band.
Ordering Information
1
Part Number
Package
MAAMSS0072TR-3000
3000 piece reel
MAAM-000072-000SMB
Sample Only, General Frequency
MAAM-000072-001SMB
3500 MHz Configuration
1. Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Pin No.
Pin Name
Description
1
N/C
No Connection
2
N/C
No Connection
3
RFIN
RF Input
4
N/C
No Connection
5
N/C
No Connection
6
N/C
No Connection
7
N/C
No Connection
8
N/C
No Connection
9
N/C
No Connection
10
RFOUT / VCC2
RF Output, 2nd Stage Supply
11
N/C
No Connection
12
N/C
No Connection
13
N/C
No Connection
14
RFIN2
2nd Stage RF Input
15
RFOUT/VCC1
RF Output, 1st Stage Supply
16
N/C
No Connection
17
Paddle4
RF and DC Ground
Functional Block Diagram
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
RF Output Power
+28.5 dBm
Voltage
6 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
4. The exposed pad centered on the package bottom must be
connected to RF and DC ground.


Similar Part No. - MAAMSS0072

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0070 MACOM-MAAMSS0070 Datasheet
424Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
logo
M/A-COM Technology Solu...
MAAMSS0070 MA-COM-MAAMSS0070 Datasheet
356Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
logo
Tyco Electronics
MAAMSS0070TR-1000 MACOM-MAAMSS0070TR-1000 Datasheet
424Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
logo
M/A-COM Technology Solu...
MAAMSS0070TR-1000 MA-COM-MAAMSS0070TR-1000 Datasheet
356Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
logo
Tyco Electronics
MAAMSS0070TR-3000 MACOM-MAAMSS0070TR-3000 Datasheet
424Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
More results

Similar Description - MAAMSS0072

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAMD6254 DAICO-CAMD6254 Datasheet
111Kb / 1P
30 MHz RF Driver Amplifier
logo
Tyco Electronics
MAAMSS0056 MACOM-MAAMSS0056 Datasheet
321Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0073 MACOM-MAAMSS0073 Datasheet
250Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0048 MACOM-MAAMSS0048 Datasheet
462Kb / 14P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0049 MACOM-MAAMSS0049 Datasheet
479Kb / 11P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0050 MACOM-MAAMSS0050 Datasheet
351Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0057 MACOM-MAAMSS0057 Datasheet
202Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0071 MACOM-MAAMSS0071 Datasheet
348Kb / 12P
RF Driver Amplifier 300 - 4000 MHz
MAAMSS0058 MACOM-MAAMSS0058 Datasheet
227Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
logo
Advanced Semiconductor ...
ASX415 ASB-ASX415_17 Datasheet
1Mb / 18P
250 ~ 4000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com