Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0072 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0072
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0072 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0072 Datasheet HTML 1Page - Tyco Electronics MAAMSS0072 Datasheet HTML 2Page - Tyco Electronics MAAMSS0072 Datasheet HTML 3Page - Tyco Electronics MAAMSS0072 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0072
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Sample Board
Electrical Specifications: VCC = +5 V, TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
3500 MHz
dB
21
23
—
Input Return Loss
3500 MHz
dB
—
15
—
Output Return Loss
3500 MHz
dB
—
15
—
Output P1dB
3500 MHz
dBm
—
27
—
EVM
+18 dBm channel power 54 Mbps OFDM
(includes 1% system level)
% rms
—
1.5
—
OIP3
17 dBm / Tone, 1 MHz Tone Spacing
dBm
36
39
—
Noise Figure
3500 MHz
dB
—
3.7
—
Quiescent Current
+5 V
mA
—
200
—
Current
17 dBm / Tone, 1 MHz Tone Spacing
mA
—
235
300
MAAMSS0072 External Parts List
Component
Value
Case Size Manufacturer
C1
1000 pF
0402
Murata
C2
0.5 pF
0402
Murata
C3
1000 pF
0402
Murata
C4
0.1 µF
0402
Murata
C5
10 µF
1206
Kemet
C6
1.2 pF
0402
Murata
C7
2.7 pF
0402
Murata
C8
1 pF
0402
Murata
L1
8.2 nH
0402
Coilcraft
L2
1 nH
0402
Toko
R1
0
0402
-
L3
1 nH
0402
Toko
L4
1.8 nH
0402
Toko
J1
Jumper
-
-
T1
50 Ω, 120° @ 3500 MHz
Application Schematic 3300 - 3800 MHz
RFIN
RFOUT
Maximum Operating Conditions
5
Parameter
Maximum Operating
Conditions
Junction Temperature 6
160°C
RF Output Power
28.5 dBm
Operating Temperature
-40°C to +85°C
5. Operating at or within these conditions will ensure MTTF > 1 x
106 hours.
6. Typical thermal resistance (Өjc) = 65°C/W.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com