Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L293B Datasheet(PDF) 1 Page - STMicroelectronics

Part # L293B
Description  PUSH-PULL FOUR CHANNEL DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L293B Datasheet(HTML) 1 Page - STMicroelectronics

  L293B Datasheet HTML 1Page - STMicroelectronics L293B Datasheet HTML 2Page - STMicroelectronics L293B Datasheet HTML 3Page - STMicroelectronics L293B Datasheet HTML 4Page - STMicroelectronics L293B Datasheet HTML 5Page - STMicroelectronics L293B Datasheet HTML 6Page - STMicroelectronics L293B Datasheet HTML 7Page - STMicroelectronics L293B Datasheet HTML 8Page - STMicroelectronics L293B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
L293B
L293E
July 2003
s
OUTPUT CURRENT 1A PER CHANNEL
s
PEAK OUTPUT CURRENT 2A PER CHANNEL
(non repetitive)
s
INHIBIT FACILITY
s
HIGH NOISE IMMUNITY
s
SEPARATE LOGIC SUPPLY
s
OVERTEMPERATURE PROTECTION
DESCRIPTION
The L293B and L293E are quad push-pull drivers
capable of delivering output currents to 1A per
channel. Each channel is controlled by a TTL-
compatible logic input and each pair of drivers (a
full bridge) is equipped with an inhibit input which
turns off all four transistors. A separate supply in-
put is provided for the logic so that it may be run
off a lower voltage to reduce dissipation.
Additionally, the L293E has external connection of
sensing resistors, for switchmode control.
The L293B and L293E are package in 16 and 20-
pin plastic DIPs respectively ; both use the four
center pins to conduct heat to the printed circuit
board.
DIP16
POWERDIP(16+2+2)
ORDERING NUMBERS:
L293B
L293E
PUSH-PULL FOUR CHANNEL DRIVERS
PIN CONNECTION (Top view)
DIP16 - L293B
POWERDIP (16+2+2) - L293E


Similar Part No. - L293B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L293B STMICROELECTRONICS-L293B Datasheet
193Kb / 12P
PUSH-PULL FOUR CHANNEL DRIVERS
Apr-1993
L293B STMICROELECTRONICS-L293B Datasheet
592Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
July 2003
L293B STMICROELECTRONICS-L293B Datasheet
598Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
Jul-2003
L293B STMICROELECTRONICS-L293B_03 Datasheet
592Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
July 2003
L293B STMICROELECTRONICS-L293B_03 Datasheet
598Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
Jul-2003
More results

Similar Description - L293B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM18293 NSC-LM18293 Datasheet
144Kb / 6P
Four Channel Push-Pull Driver
logo
NTE Electronics
NTE1749 NTE-NTE1749 Datasheet
25Kb / 3P
Integrated Circuit Push-Pull Four Channel Driver
logo
STMicroelectronics
L293B STMICROELECTRONICS-L293B Datasheet
193Kb / 12P
PUSH-PULL FOUR CHANNEL DRIVERS
Apr-1993
L293C STMICROELECTRONICS-L293C Datasheet
74Kb / 5P
PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL
Apr-1993
L293D STMICROELECTRONICS-L293D Datasheet
80Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jun-1996
L293B STMICROELECTRONICS-L293B_03 Datasheet
592Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
July 2003
L2293Q STMICROELECTRONICS-L2293Q Datasheet
278Kb / 12P
Push-pull four channel driver with diodes
10-Jul-2008
L293B STMICROELECTRONICS-L293B_03 Datasheet
598Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
Jul-2003
L293D STMICROELECTRONICS-L293D_03 Datasheet
865Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jul-2003
L2293QTR STMICROELECTRONICS-L2293QTR Datasheet
281Kb / 13P
Push-pull four channel driver with diodes
12-Aug-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com