Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0010 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAATCC0010
Description  Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATCC0010 Datasheet(HTML) 1 Page - Tyco Electronics

  MAATCC0010 Datasheet HTML 1Page - Tyco Electronics MAATCC0010 Datasheet HTML 2Page - Tyco Electronics MAATCC0010 Datasheet HTML 3Page - Tyco Electronics MAATCC0010 Datasheet HTML 4Page - Tyco Electronics MAATCC0010 Datasheet HTML 5Page - Tyco Electronics MAATCC0010 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
0
%0 ' 3 4
(0 3
5
6
7
4
+
!8969 7
$$56
1'
$
3
"
$
:
7
"
5
+
47 0 7
0'';
$ 7
<
+
=>
?
*)'@ :
"
: <4A
2
$-' '*)(
B
$
''0'
>
+9$ 1 "
$$5
4
C
0 '
3
(0
3
$
7D+E
$
$
''0'
!
!
F
$
''0'
3
7
$
''0'$:
0'''
$
''0' $3
4
$
3
E
%:
E
10(
C
E
%6
F
*
0
>E6
0.
E
*
0)
0&
E
(
&
0-
E
/
/
*'
E
1
*
*0
E
)
0
**
E
.
>E6
*(
E
&
E
*/
E
-
E
*1
E
0'
E
(
*)
>E6
00
>E6
*.
:+*
0*
:+0
*&
>E6
0(
>E6
*-
E
0
0/
E
('
2
01
E
(0
E
0)
E
(*
G2
A:
< C
4 "
!9
H
6
*''* -1 9
0
7
0' I *-
"
*
$
,
"
"
:+
6
+
7D+E 7


Similar Part No. - MAATCC0010

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATCC0010 MA-COM-MAATCC0010 Datasheet
158Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAATCC0010 MA-COM-MAATCC0010 Datasheet
158Kb / 6P
Digital Attenuator
MAATCC0010 MA-COM-MAATCC0010 Datasheet
772Kb / 7P
Digital Attenuator
MAATCC0010-TB MA-COM-MAATCC0010-TB Datasheet
158Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAATCC0010-TB MA-COM-MAATCC0010-TB Datasheet
772Kb / 7P
Digital Attenuator
More results

Similar Description - MAATCC0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0263 MACOM-AT20-0263_1 Datasheet
164Kb / 4P
Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT90-0001 MACOM-AT90-0001_1 Datasheet
238Kb / 4P
Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-6.0 GHz
AT90-0263 MACOM-AT90-0263_1 Datasheet
417Kb / 5P
Digital Attenuator 31dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT90-1263 MACOM-AT90-1263_1 Datasheet
486Kb / 5P
Digital Attenuator, 31dB, 5-Bit, TTL Driver DC - 3.0 GHz
AT-263-PIN MACOM-AT-263-PIN Datasheet
168Kb / 4P
Digital Attenuator 31.0dB, TTL Driver, DC-2.0 GHz
MAAD-007078-000100 MACOM-MAAD-007078-000100 Datasheet
280Kb / 6P
Digital Attenuator 31 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT90-0263 MA-COM-AT90-0263 Datasheet
157Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT90-1263 MA-COM-AT90-1263 Datasheet
160Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com