Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

188024 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 188024
Description  Plug socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

188024 Datasheet(HTML) 1 Page - Festo Corporation.

  188024 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plug socket
MSSD-EB-M12-MONO
Part number: 188024
General operating condition
Data sheet
Feature
Value
Based on norm
EN 175301-803
EN 61076-2-101
EN 61984
Switching position indication
LED
Type of mounting
On air solenoid valve with M2.5 central screw
Product weight
13.18 g
Electrical connection 1
Socket, as per EN 175301-803, form C
Electrical connection 2
Straight plug, M12x1, 2-pin, A-coded
DC operating voltage range
12 V ... 24 V
Nominal operating voltage DC
24 V
Operating voltage range AC
12 V ... 24 V
Current rating
0.12 A
Surge resistance
2.5 kV
Degree of protection
IP65
Ambient temperature
-10 °C ... 50 °C
LABS (PWIS) conformity
VDMA24364-B2-L
Contamination level
3
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Housing material
PA
Housing colour
Transparent
Material of screw-type lock
Steel, nickel-plated
Seals material
HNBR
NBR
Material of pin contacts
Copper alloy, silver-plated
Brass, gold-plated
6/10/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 188024

ManufacturerPart #DatasheetDescription
logo
Heyco.
1880 HEYCO-1880 Datasheet
219Kb / 1P
RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Adafruit Industries
1880 ADAFRUIT-1880 Datasheet
119Kb / 1P
Silicone Cover Stranded-Core Wire - 2m 26AWG Green
logo
LEMO Connectors
18800 LEMO-18800 Datasheet
75Kb / 4P
S - Indoor Stepped Insert
18800 LEMO-18800 Datasheet
75Kb / 4P
S - Indoor Stepped Insert
18800 LEMO-18800 Datasheet
75Kb / 4P
S - Indoor Stepped Insert
More results

Similar Description - 188024

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.2710 SCHURTER-4850.2710_V01 Datasheet
237Kb / 2P
, 7-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610_V01 Datasheet
235Kb / 2P
, 6-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2510 SCHURTER-4850.2510_V01 Datasheet
235Kb / 2P
, 5-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2400 SCHURTER-4850.2400_V01 Datasheet
241Kb / 2P
, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2310 SCHURTER-4850.2310_V01 Datasheet
235Kb / 2P
, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2300 SCHURTER-4850.2300_V01 Datasheet
241Kb / 2P
, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
, 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2810 SCHURTER-4850.2810_V02 Datasheet
235Kb / 2P
, 8-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
logo
Festo Corporation.
151909 FESTO-151909 Datasheet
62Kb / 1P
Plug socket with cable
4/20/22
542256 FESTO-542256 Datasheet
95Kb / 2P
Plug socket with cable
7/18/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com