Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0047 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABACT0047
Description  1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0047 Datasheet(HTML) 2 Page - Tyco Electronics

  MABACT0047 Datasheet HTML 1Page - Tyco Electronics MABACT0047 Datasheet HTML 2Page - Tyco Electronics MABACT0047 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1:1 Broadband CATV, Flux Coupled Transformer
5-120MHz
MABACT0047
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
Electrical Specifications: TA = 25°C, Z0 = 75Ω
1
Parameter
Frequency
Units
Min
Typ
Max
Frequency Range:
5 - 120 MHz
Insertion Loss
5 - 120 MHz
dB
-
0.4
0.6
Amplitude Balance
5 - 120 MHz
dB
-
± 0.1
± 0.3
Phase Balance
5 - 120 MHz
º
-
± 0.5
± 2.0
Input Return Loss
5 - 65 MHz
65 - 120 MHz
dB
dB
22
17
28
23
-
-
Recommended PCB Configuration
Absolute Maximum Ratings 1,2
Parameter
Absolute Maximum
RF Power
250 mW
DC current
30mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com