Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0047 Datasheet (PDF) - Tyco Electronics

MABACT0047 Datasheet PDF - Tyco Electronics
Part # MABACT0047
Download  MABACT0047 Download
File Size   108.0 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz

MABACT0047 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0047 Datasheet PDF - Tyco Electronics

Part # MABACT0047
Download  MABACT0047 Click to download

File Size   108.0 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz

MABACT0047 Datasheet (HTML) - Tyco Electronics


MABACT0047 Product details

Description
M/A-COM’s MABACT0047 is a low cost 1:1 Flux Coupled Transformer designed for high volume CATV Broadband applications. Suitable for use in 50 Ohm and 75 Ohm systems

Features
• Surface Mount
• 1:1 Flux Coupled
• 260°C Reflow Compatible
• Excellent temperature stability
• Available on Tape and Reel. Reel quantity 2000




Similar Part No. - MABACT0047

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer
MABACT0047 MA-COM-MABACT0047_15 Datasheet
96Kb / 3P
1:1 Broadband CATV
More results


Similar Description - MABACT0047

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-008182-CF1160 MACOM-MABA-008182-CF1160 Datasheet
103Kb / 3P
1:1 Flux Coupled Balun Transformer 5-120MHz
MABACT0035 MACOM-MABACT0035 Datasheet
136Kb / 4P
Broadband CATV, Flux coupled Transformer, 1 - 350 MHz
MABACT0045 MACOM-MABACT0045 Datasheet
47Kb / 3P
Broadband CATV 4:1 Flux Coupled Transformer
logo
M/A-COM Technology Solu...
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
MABA-008182-CF1160 MA-COM-MABA-008182-CF1160 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5-120MHz
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
Transformer, 1:1 Flux Coupled Transformer
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0_15 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com