Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0047 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MABACT0047 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MABACT0047
Download  MABACT0047 Download
File Size   96.29 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz

MABACT0047 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0047 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MABACT0047
Download  MABACT0047 Click to download

File Size   96.29 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz

MABACT0047 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MABACT0047 Product details

Description
M/A-COM’s MABACT0047 is a low cost 1:1 Flux Coupled Transformer designed for high volume CATV Broadband applications. Suitable for use in 50 Ohm and 75 Ohm systems

Features
• Surface Mount
• 1:1 Flux Coupled
• 260°C Reflow Compatible
• Excellent temperature stability
• Available on Tape and Reel. Reel quantity 2000




Similar Part No. - MABACT0047

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0047 MACOM-MABACT0047 Datasheet
108Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
logo
M/A-COM Technology Solu...
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer
MABACT0047 MA-COM-MABACT0047_15 Datasheet
96Kb / 3P
1:1 Broadband CATV
More results


Similar Description - MABACT0047

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-008182-CF1160 MACOM-MABA-008182-CF1160 Datasheet
103Kb / 3P
1:1 Flux Coupled Balun Transformer 5-120MHz
MABACT0035 MACOM-MABACT0035 Datasheet
136Kb / 4P
Broadband CATV, Flux coupled Transformer, 1 - 350 MHz
MABACT0045 MACOM-MABACT0045 Datasheet
47Kb / 3P
Broadband CATV 4:1 Flux Coupled Transformer
MABACT0047 MACOM-MABACT0047 Datasheet
108Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
logo
M/A-COM Technology Solu...
MABA-008182-CF1160 MA-COM-MABA-008182-CF1160 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5-120MHz
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
Transformer, 1:1 Flux Coupled Transformer
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0_15 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com