Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0035 Datasheet (PDF) - Tyco Electronics

MABACT0035 Datasheet PDF - Tyco Electronics
Part # MABACT0035
Download  MABACT0035 Download
File Size   136.71 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband CATV, Flux coupled Transformer, 1 - 350 MHz

MABACT0035 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0035 Datasheet PDF - Tyco Electronics

Part # MABACT0035
Download  MABACT0035 Click to download

File Size   136.71 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband CATV, Flux coupled Transformer, 1 - 350 MHz

MABACT0035 Datasheet (HTML) - Tyco Electronics


MABACT0035 Product details

Description
M/A-COM’s MABACT0035 is a low cost SMT 4:1 RF flux coupled transformer designed for high volume CATV Broadband applications

Features
• 75 ohm
• SMT unit
• 4:1 impedance
• Available on tape & reel
• Excellent temperature stability




Similar Part No. - MABACT0035

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0034 MACOM-MABACT0034 Datasheet
251Kb / 3P
1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
logo
Tyco Electronics
MABACT0036 MACOM-MABACT0036 Datasheet
237Kb / 3P
1:1 Flux Coupled Transformer 0.3 - 200 MHz
More results


Similar Description - MABACT0035

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0011 MACOM-MABACT0011 Datasheet
166Kb / 2P
1:4 Flux Coupled Step up Transformer 1 - 350 MHz
MABAES0040 MACOM-MABAES0040 Datasheet
40Kb / 2P
E-Series RF 2:1 Flux Coupled Transformer 1.0 - 350 MHz
MABACT0045 MACOM-MABACT0045 Datasheet
47Kb / 3P
Broadband CATV 4:1 Flux Coupled Transformer
MABACT0047 MACOM-MABACT0047 Datasheet
108Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
logo
M/A-COM Technology Solu...
MABACT0011 MA-COM-MABACT0011 Datasheet
101Kb / 2P
1:4 Flux Coupled Step up Transformer 1 - 350 MHz
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
MABAES0040 MA-COM-MABAES0040 Datasheet
62Kb / 2P
E-Series RF 2:1 Flux Coupled Transformer 1.0 - 350 MHz
ETC4-1 MA-COM-ETC4-1 Datasheet
104Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABA-007237-ETC410 MA-COM-MABA-007237-ETC410 Datasheet
64Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1 - 350 MHz
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com