Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0036 Datasheet (PDF) - Tyco Electronics

MABACT0036 Datasheet PDF - Tyco Electronics
Part # MABACT0036
Download  MABACT0036 Download
File Size   237.12 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:1 Flux Coupled Transformer 0.3 - 200 MHz

MABACT0036 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0036 Datasheet PDF - Tyco Electronics

Part # MABACT0036
Download  MABACT0036 Click to download

File Size   237.12 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:1 Flux Coupled Transformer 0.3 - 200 MHz

MABACT0036 Datasheet (HTML) - Tyco Electronics


MABACT0036 Product details

Description
M/ACom’s MABACT0036 is a 1:1 RF flux coupled step up transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications.

Features
• Surface Mount
• 1:1 Impedance
• CT on Secondary
• 75 Ω
• Available on tape & reel




Similar Part No. - MABACT0036

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0034 MACOM-MABACT0034 Datasheet
251Kb / 3P
1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
logo
Tyco Electronics
MABACT0035 MACOM-MABACT0035 Datasheet
136Kb / 4P
Broadband CATV, Flux coupled Transformer, 1 - 350 MHz
More results


Similar Description - MABACT0036

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1T MACOM-ETC1-1T Datasheet
60Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz
MABACT0012 MACOM-MABACT0012 Datasheet
176Kb / 2P
1:1 Flux Coupled Transformer 0.3 - 200 MHz
MABACT0071 MACOM-MABACT0071 Datasheet
78Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
MABAES0060 MACOM-MABAES0060 Datasheet
68Kb / 3P
E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz
ETC1-1T MACOM-ETC1-1T_1 Datasheet
63Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 3 - 200 MHz
logo
M/A-COM Technology Solu...
MABACT0012 MA-COM-MABACT0012 Datasheet
113Kb / 2P
1:1 Flux Coupled Transformer 3 - 200 MHz
MABACT0071 MA-COM-MABACT0071 Datasheet
73Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
MABAES0060 MA-COM-MABAES0060 Datasheet
82Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz
ETC1-1T MA-COM-ETC1-1T Datasheet
61Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 3 - 200 MHz
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
Transformer, 1:1 Flux Coupled Transformer 5 to 200 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com