Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0047 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0047
Description  1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0047 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0047 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0047 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0047 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1:1 Broadband CATV, Flux Coupled Transformer
5-120MHz
MABACT0047
V1
1
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.4155721
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount
• 1:1 Flux Coupled
• 260°C Reflow Compatible
• Excellent temperature stability
• Available on Tape and Reel. Reel quantity 2000
Description
M/A-COM’s MABACT0047 is a low cost 1:1 Flux
Coupled Transformer designed for high volume
CATV Broadband applications. Suitable for use in 50
Ohm and 75 Ohm systems
Ordering Information
Part Number
Package
MABACT0047
Reel Quantity 2000
Note: Reference Application Note
M513 for reel size information.
Schematic
Pin No.
Function
1
Secondary Dot (output 1)
2
Centre Tap
3
Secondary (output 2)
4
Primary (ground)
5
Primary Dot (input)
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-22A
2
1
5
3
4


Similar Part No. - MABACT0047

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0047 MACOM-MABACT0047 Datasheet
108Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
logo
M/A-COM Technology Solu...
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer
MABACT0047 MA-COM-MABACT0047_15 Datasheet
96Kb / 3P
1:1 Broadband CATV
More results

Similar Description - MABACT0047

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-008182-CF1160 MACOM-MABA-008182-CF1160 Datasheet
103Kb / 3P
1:1 Flux Coupled Balun Transformer 5-120MHz
MABACT0035 MACOM-MABACT0035 Datasheet
136Kb / 4P
Broadband CATV, Flux coupled Transformer, 1 - 350 MHz
MABACT0045 MACOM-MABACT0045 Datasheet
47Kb / 3P
Broadband CATV 4:1 Flux Coupled Transformer
MABACT0047 MACOM-MABACT0047 Datasheet
108Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer 5-120MHz
logo
M/A-COM Technology Solu...
MABA-008182-CF1160 MA-COM-MABA-008182-CF1160 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5-120MHz
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
Transformer, 1:1 Flux Coupled Transformer
MABACT0047 MA-COM-MABACT0047 Datasheet
96Kb / 3P
1:1 Broadband CATV, Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0_15 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com