Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADCSM0011SMB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MADCSM0011SMB
Description  Dual Mode Cellular Downconverter 869 - 893 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0011SMB Datasheet(HTML) 3 Page - Tyco Electronics

  MADCSM0011SMB Datasheet HTML 1Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 2Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 3Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 4Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dual Mode Cellular Downconverter
869 - 893 MHz
MADCSM0011
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
M/A-COM’s MADCSM0011 is a highly integrated
MMIC dual mode downconverter for operation in
the 800-900 MHz Cellular frequency band.
The
downconverter
provides
exceptional
RF
performance while consuming low DC current and
is packaged in a low cost plastic package.
It is
ideal for lightweight battery operated portable radio
systems.
The MADCSM0011 consists of a single-ended
mixer, an LO buffer amplifier, a single-ended IF
amplifier and a mode switch.
Surface mount
resistors, inductors and capacitors are used in
conjunction with the downconverter to optimize the
trade-offs among performance, tunability and ease
of use.
The sample board schematic shows the
downconverter and required off-chip components.
The mixer is a single-ended mixer that provides
exceptional linearity and isolation with low loss and
no DC current.
An off-chip inductor (L2) and
capacitor (C2) are required to match the output of
the mixer to the input of the IF buffer amplifier.
The IF output is selected by the mode switch. Each
output port is the open drain of the IF buffer
amplifier.
This allows maximum flexibility of the
intermediate frequency and IF filter.
A matching
network such as that shown herein can be used to
match to 50 ohms from the output impedance of
the buffer to the input impedance of the filter at the
85.38 MHz intermediate frequency.
The inductor
also acts as a choke for the DC supply line.
Elements L5, C6 and C7 (CDMA mode) and L6, C8
and C9 (AMPS mode) provide the necessary
impedance transformations.
The LO input port is matched on-chip to 50 ohms.
An LO buffer amplifier amplifies the –10 dBm input
signal to the level required to drive the mixer. The
performance is optimum with a drive level of –7
dBm.
All DC supply lines must be properly bypassed at
RF frequencies to obtain optimum performance
and at a lower frequency to maintain unconditional
stability.
Capacitors C3, C4, C5, C10, C11 and
C12 are RF bypass capacitors for the IFA and
LOA. The value and placement of these capacitors
is
critical
in
determining
the
frequency
response of these amplifiers.
Operating Instructions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com