Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADCSM0011SMB Datasheet(PDF) 4 Page - Tyco Electronics

Part # MADCSM0011SMB
Description  Dual Mode Cellular Downconverter 869 - 893 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0011SMB Datasheet(HTML) 4 Page - Tyco Electronics

  MADCSM0011SMB Datasheet HTML 1Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 2Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 3Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 4Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dual Mode Cellular Downconverter
869 - 893 MHz
MADCSM0011
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
4
Typical Performance Curves vs. Temperature
Input IP3
Conversion Gain
Noise Figure
RF Return Loss
LO Return Loss
IF Return Loss
-25
-20
-15
-10
-5
0
50
70
90
110
130
150
-30°C
+25°C
+85°C
Frequency (MHz)
2
4
6
8
10
12
14
860
870
880
890
900
-30°C
+25°C
+85°C
Frequency (MHz)
-20
-15
-10
-5
0
300
500
700
900
1100
1300
1500
-30°C
+25°C
+85°C
Frequency (MHz)
10
11
12
13
14
860
870
880
890
900
-30°C
+25°C
+85°C
Frequency (MHz)
-20
-15
-10
-5
0
860
870
880
890
900
-30°C
+25°C
+85°C
Frequency (MHz)
5
6
7
8
9
860
870
880
890
900
-30°C
+25°C
+85°C
Frequency (MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com