Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3213 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PIP3213
Description  TOPFET high side switch SMD version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3213 Datasheet(HTML) 5 Page - NXP Semiconductors

  PIP3213 Datasheet HTML 1Page - NXP Semiconductors PIP3213 Datasheet HTML 2Page - NXP Semiconductors PIP3213 Datasheet HTML 3Page - NXP Semiconductors PIP3213 Datasheet HTML 4Page - NXP Semiconductors PIP3213 Datasheet HTML 5Page - NXP Semiconductors PIP3213 Datasheet HTML 6Page - NXP Semiconductors PIP3213 Datasheet HTML 7Page - NXP Semiconductors PIP3213 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
PIP3213-R
SMD version
UNDERVOLTAGE & OVERVOLTAGE CHARACTERISTICS
Limits are at -40˚C
≤ T
mb ≤ 150˚C and typicals at Tmb = 25 ˚C.
Refer to TRUTH TABLE.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Undervoltage
V
BG(UV)
Low supply threshold voltage
1
2
4.2
5.5
V
∆V
BG(UV)
Hysteresis
-
0.5
-
V
Overvoltage
V
BG(OV)
High supply threshold voltage
2
40
45
50
V
∆V
BG(OV)
Hysteresis
-
1
-
V
TRUTH TABLE
ABNORMAL CONDITIONS
DETECTED
LOAD
INPUT
SUPPLY
LOAD
OUTPUT
STATUS
DESCRIPTION
UV
OV
LC
SC
OT
L
X
X
X
X
X
OFF
H
off
H
0
0
0
0
0
ON
H
on & normal
H
0
0
1
0
0
ON
L
on & low current detect
H
1
0
X
X
X
OFF
H
supply undervoltage lockout
H
0
1
X
0
0
OFF
H
supply overvoltage shutdown
H
0
0
0
1
X
OFF
L
SC tripped
H
0
0
0
0
1
OFF
L
OT shutdown
3
KEY TO ABBREVIATIONS
L
logic low
UV undervoltage
H
logic high
OV overvoltage
X
don’t care
LC
low current or open circuit load
0
condition not present
SC short circuit
1
condition present
OT overtemperature
1 Undervoltage sensor causes the device to switch off and reset.
2 Overvoltage sensor causes the device to switch off to protect its load.
3 The status will continue to indicate OT (even if the input goes low) until the device cools below the reset threshold. Refer to OVERLOAD
PROTECTION CHARACTERISTICS
.
September 2001
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com