Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3213 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PIP3213
Description  TOPFET high side switch SMD version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3213 Datasheet(HTML) 6 Page - NXP Semiconductors

  PIP3213 Datasheet HTML 1Page - NXP Semiconductors PIP3213 Datasheet HTML 2Page - NXP Semiconductors PIP3213 Datasheet HTML 3Page - NXP Semiconductors PIP3213 Datasheet HTML 4Page - NXP Semiconductors PIP3213 Datasheet HTML 5Page - NXP Semiconductors PIP3213 Datasheet HTML 6Page - NXP Semiconductors PIP3213 Datasheet HTML 7Page - NXP Semiconductors PIP3213 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
PIP3213-R
SMD version
OVERLOAD PROTECTION CHARACTERISTICS
5.5 V
≤ V
BG ≤ 35 V, limits are at -40˚C ≤ Tmb ≤ 150˚C and typicals at Tmb = 25 ˚C unless otherwise stated.
Refer to TRUTH TABLE.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Overload protection
V
BL = VBG
I
L(lim)
Load current limiting
V
BG ≥ 9 V
42
65
88
A
Short circuit load protection
V
BL(TO)
Battery load threshold voltage
1
V
BG = 16 V
8
10
12
V
V
BG = 35 V
15
20
25
V
t
d sc
Response time
2
V
BL > VBL(TO)
-
180
250
µs
Overtemperature protection
T
j(TO)
Threshold junction
150
170
190
˚C
temperature
3
∆T
j(TO)
Hysteresis
-
10
-
˚C
SWITCHING CHARACTERISTICS
T
mb = 25 ˚C, VBG = 13 V, for resistive load RL = 13 Ω.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
During turn-on
from input going high
t
d on
Delay time
to 10% V
L
-40
60
µs
dV/dt
on
Rate of rise of load voltage
30% to 70% V
L
-
0.5
1
V/
µs
t
on
Total switching time
to 90% V
L
-
160
225
µs
During turn-off
from input going low
t
d off
Delay time
to 90% V
L
-50
70
µs
dV/dt
off
Rate of fall of load voltage
70% to 30% V
L
-
0.5
1
V/
µs
t
off
Total switching time
to 10% V
L
-
80
115
µs
CAPACITANCES
T
mb = 25 ˚C; f = 1 MHz; VIG = 0 V.
designed in parameters.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
C
ig
Input capacitance
V
BG = 13 V
-
15
20
pF
C
bl
Output capacitance
V
BL = 13 V
-
425
600
pF
C
sg
Status capacitance
V
SG = 5 V
-
11
15
pF
1 The battery to load threshold voltage for short circuit protection is proportional to the battery supply voltage. After short circuit protection has
operated, the input voltage must be toggled low for the switch to resume normal operation.
2 Measured from when the input goes high.
3 After cooling below the reset temperature the switch will resume normal operation.
September 2001
6
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com