Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB16012U Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PLB16012U
Description  NPN microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLB16012U Datasheet(HTML) 4 Page - NXP Semiconductors

  PLB16012U Datasheet HTML 1Page - NXP Semiconductors PLB16012U Datasheet HTML 2Page - NXP Semiconductors PLB16012U Datasheet HTML 3Page - NXP Semiconductors PLB16012U Datasheet HTML 4Page - NXP Semiconductors PLB16012U Datasheet HTML 5Page - NXP Semiconductors PLB16012U Datasheet HTML 6Page - NXP Semiconductors PLB16012U Datasheet HTML 7Page - NXP Semiconductors PLB16012U Datasheet HTML 8Page - NXP Semiconductors PLB16012U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Feb 18
4
Philips Semiconductors
Product specification
NPN microwave power transistor
PLB16012U
THERMAL CHARACTERISTICS
Note
1. See
“Mounting recommendations in the General part of handbook SC19a”.
CHARACTERISTICS
Tmb =25 °C unless otherwise specified.
APPLICATION INFORMATION
Microwave performance up to Tmb =25 °C in a common base test circuit as shown in Fig.4 and working in CW
class C mode.
Note
1. May be used for narrowband or broadband amplifiers within the frequency range 1.4 to 1.8 GHz. Operation below
1.4 GHz may damage the transistor due to resonance of the internal output prematching circuit.
List of components (see Fig.4)
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-mb
thermal resistance from junction to mounting base
Tj = 100 °C
6
K/W
Rth mb-h
thermal resistance from mounting base to heatsink note 1
0.3
K/W
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
ICBO
collector cut-off current
VCB = 28 V; IE = 0
0.3
mA
VCB = 35 V; IE = 0
0.6
mA
ICES
collector cut-off current
VCE = 28 V; RBE =0 Ω
0.6
mA
IEBO
emitter cut-off current
VEB = 1.5 V; IC =0
25
µA
MODE OF
OPERATION
f
(GHz)
VCC
(V)
PL
(W)
Gp
(dB)
η
C
(%)
Zi; ZL
(
Ω)
Class C (CW)
note 1
1.6
28
10
≥8
typ. 9.4
≥45
typ. 60
see Figs 5 and 6
Class C - 100 ms 50%
1.6
28
typ. 15
typ. 9.4
typ. 60
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
L1, L2
5 turns 0.2 mm diameter copper wire
int. dia. = 2 mm
C1
DC blocking capacitor
100 pF
C2
feedthrough bypass capacitor
Erie, ref.1250-003
C3
trimmer capacitor
0.6 - 4.5 pF
AT-3-7-271SL
C4
electrolytic capacitor
150
µF, 45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com