Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB16012U Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PLB16012U
Description  NPN microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLB16012U Datasheet(HTML) 5 Page - NXP Semiconductors

  PLB16012U Datasheet HTML 1Page - NXP Semiconductors PLB16012U Datasheet HTML 2Page - NXP Semiconductors PLB16012U Datasheet HTML 3Page - NXP Semiconductors PLB16012U Datasheet HTML 4Page - NXP Semiconductors PLB16012U Datasheet HTML 5Page - NXP Semiconductors PLB16012U Datasheet HTML 6Page - NXP Semiconductors PLB16012U Datasheet HTML 7Page - NXP Semiconductors PLB16012U Datasheet HTML 8Page - NXP Semiconductors PLB16012U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Feb 18
5
Philips Semiconductors
Product specification
NPN microwave power transistor
PLB16012U
Fig.4 Narrowband test circuit.
Substrate: Teflon fibre glass.
Thickness: 0.4 mm.
Permittivity:
εr = 2.55.
handbook, full pagewidth
MCD616
5
30 mm
40 mm
7.5
55
3
5
1.2
30 mm
35
1.5
1.2
40 mm
10
8
5
15.5
22
8.5
1
handbook, full pagewidth
MCD617
C1
VCC
VCC
C4
input
C2
output
L1
C3
2
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com