Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP602 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # AP602
Description  High Dynamic Range 4W 28V HBT Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP602 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  AP602 Datasheet HTML 1Page - WJ Communication. Inc. AP602 Datasheet HTML 2Page - WJ Communication. Inc. AP602 Datasheet HTML 3Page - WJ Communication. Inc. AP602 Datasheet HTML 4Page - WJ Communication. Inc. AP602 Datasheet HTML 5Page - WJ Communication. Inc. AP602 Datasheet HTML 6Page - WJ Communication. Inc. AP602 Datasheet HTML 7Page - WJ Communication. Inc. AP602 Datasheet HTML 8Page - WJ Communication. Inc. AP602 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 11 May 2007 ver 1
AP602
High Dynamic Range 4W 28V HBT Amplifier
Typical Device Data
S-Parameters (VCC = +28 V, VPD = VBIAS = 5 V, ICQ = 80 mA, T = 25 °C, unmatched 50 ohm system, calibrated to device leads)
0
0.5
1
1.5
2
2.5
Frequency (GHz)
Gain / Maximum Stable Gain
-10
-5
0
5
10
15
20
25
30
35
40
DB(|S(2,1)|)
DB(GMax())
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S11
Swp Max
3GHz
Swp Min
0.01GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S22
Swp Max
3GHz
Swp Min
0.01GHz
The gain for the unmatched device in 50 ohm system is shown as the trace in black color. For a tuned circuit for a particular frequency,
it is expected that actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the marked red line.
The impedance plots are shown from 50 – 3000 MHz, with markers placed at 0.5 – 3.0 GHz in 0.5 GHz increments.
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-5.48
-168.66
24.61
162.66
-43.82
67.14
-0.84
-15.48
100
-4.19
-163.72
23.51
148.99
-38.73
56.38
-1.30
-32.29
200
-2.36
-165.46
21.20
127.42
-35.02
38.63
-3.13
-55.32
400
-1.26
-173.46
16.82
105.39
-33.36
20.55
-5.71
-79.41
600
-0.93
-177.48
13.69
94.60
-33.10
12.05
-6.44
-91.66
800
-0.75
-179.37
11.52
87.62
-33.19
7.47
-6.28
-99.86
1000
-0.85
179.64
9.60
80.64
-32.66
16.69
-5.87
-104.18
1200
-0.77
178.55
8.33
75.01
-32.18
8.35
-5.44
-108.62
1400
-0.76
177.13
7.34
69.98
-31.99
4.86
-4.84
-110.75
1600
-0.85
174.34
6.75
64.38
-31.49
1.88
-4.22
-113.24
1800
-1.05
169.72
6.43
57.00
-30.96
-2.23
-3.65
-116.25
2000
-1.30
162.94
6.31
47.79
-30.28
-8.68
-3.15
-120.21
2200
-1.64
154.66
6.25
36.49
-29.50
-16.71
-2.64
-125.79
2400
-2.14
146.42
6.13
23.29
-28.80
-28.08
-2.11
-133.06
2600
-2.67
140.28
5.83
6.95
-28.30
-42.09
-1.57
-142.48
2800
-2.98
139.19
5.31
-11.57
-28.16
-59.43
-1.07
-154.01
3000
-2.77
142.63
4.53
-33.00
-28.51
-80.88
-0.83
-165.99
Device S-parameters are available for download off of the website at: http://www.wj.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com