Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP602 Datasheet (PDF) - WJ Communication. Inc.

AP602 Datasheet PDF - WJ Communication. Inc.
Part # AP602
Download  AP602 Download
File Size   840.69 Kbytes
Page   11 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range 4W 28V HBT Amplifier

AP602 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP602 Datasheet PDF - WJ Communication. Inc.

Part # AP602
Download  AP602 Click to download

File Size   840.69 Kbytes
Page   11 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range 4W 28V HBT Amplifier

AP602 Datasheet (HTML) - WJ Communication. Inc.


AP602 Product details

Product Description
The AP602 is a high dynamic range power amplifier in a lead-free/RoHS-compliant 5x6mm power DFN SMT package. The single stage amplifier has excellent backoff linearity, while being able to achieve high performance for 800-2400 MHz applications with up to +35.7 dBm of compressed 1dB power.

Product Features
• 800 – 2400 MHz
• +35.7 dBm P1dB
• -52 dBc ACLR @ ½W PAVG
• -47 dBc IMD3 @ ½W PEP
• 16% Efficiency @ ½W PAVG
• Internal Active Bias
• Internal Temp Compensation
• Capable of handling 7:1 VSWR @ 28 Vcc, 2.14 GHz, 3W CW Pout
• Lead-free/RoHS-compliant 5x6 mm power DFN package

Applications
• Mobile Infrastructure HPA
• WiBro HPA




Similar Part No. - AP602

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP600N04HTLG5 APME-AP600N04HTLG5 Datasheet
1Mb / 7P
40V N-Channel Enhancement Mode MOSFET
REV1.0
AP600N04TE APME-AP600N04TE Datasheet
1Mb / 7P
40V N-Channel Enhancement Mode MOSFET
REV1.0
AP600N04TLG5 APME-AP600N04TLG5 Datasheet
1Mb / 7P
40V N-Channel Enhancement Mode MOSFET
REV1.0
logo
WJ Communication. Inc.
AP601 WJCI-AP601 Datasheet
767Kb / 10P
High Dynamic Range 1.8W 28V HBT Amplifier
AP601-F WJCI-AP601-F Datasheet
767Kb / 10P
High Dynamic Range 1.8W 28V HBT Amplifier
More results


Similar Description - AP602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE389A ETC1-HE389A Datasheet
97Kb / 1P
High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
High Dynamic Range Amplifier
AH2 WJCI-AH2 Datasheet
393Kb / 5P
High Dynamic Range Amplifier
AP601 WJCI-AP601 Datasheet
767Kb / 10P
High Dynamic Range 1.8W 28V HBT Amplifier
AP603 WJCI-AP603 Datasheet
1Mb / 14P
High Dynamic Range 7W 28V HBT Amplifier
logo
TriQuint Semiconductor
AH420 TRIQUINT-AH420 Datasheet
562Kb / 8P
4W High Linearity InGaP HBT Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH420 TRIQUINT-AH420_15 Datasheet
683Kb / 9P
4W High Linearity InGaP HBT Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com