Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP601 Datasheet (PDF) - WJ Communication. Inc.

AP601 Datasheet PDF - WJ Communication. Inc.
Part # AP601
Download  AP601 Download
File Size   767.47 Kbytes
Page   10 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range 1.8W 28V HBT Amplifier

AP601 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP601 Datasheet PDF - WJ Communication. Inc.

Part # AP601
Download  AP601 Click to download

File Size   767.47 Kbytes
Page   10 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range 1.8W 28V HBT Amplifier

AP601 Datasheet (HTML) - WJ Communication. Inc.


AP601 Product details

Product Description

The AP601 is a high dynamic range power amplifier in a lead-free/RoHS-compliant 5x6mm power DFN SMT package. The single stage amplifier has 13.5 dB gain, while being able to achieve high performance for 800-2400 MHz applications with up to +32.5 dBm of compressed 1dB power.

The AP601 uses a high reliability, high voltage InGaP/GaAs HBT process technology. The device incorporates proprietary bias circuitry to compensate for variations in linearity and current draw over temperature. The module does not require any negative bias voltage; an internal active bias allows the AP601 to operate directly off a commonly used high voltage supply (typically +24 to +32V). An added feature allows the quiescent bias to be adjusted externally to meet specific system requirements.



Product Features

• 800 – 2400 MHz

• +32.5 dBm P1dB

• -51 dBc ACLR @ ¼W PAVG

• -55 dBc IMD3 @ ¼W PEP

• 17% Efficiency @ ¼W PAVG

• Internal Active Bias

• Internal Temp Compensation

• Capable of handling 7:1 VSWR @ 28 Vcc, 2.14 GHz, 1W CW Pout

• Lead-free/RoHS-compliant 5x6 mm power DFN package



Applications

• Mobile Infrastructure HPA

• WiBro HPA



 




Similar Part No. - AP601

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015 Datasheet
302Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
AP6015-18M10G-13 DIODES-AP6015-18M10G-13 Datasheet
430Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015-25M10G-13 DIODES-AP6015-25M10G-13 Datasheet
430Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015-33M10G-13 DIODES-AP6015-33M10G-13 Datasheet
430Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
More results


Similar Description - AP601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH1-1 ETC-AH1-1 Datasheet
204Kb / 5P
High Dynamic Range Amplifier
AH11 ETC-AH11 Datasheet
127Kb / 6P
High Dynamic Range Amplifier
HE389A ETC1-HE389A Datasheet
97Kb / 1P
High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
High Dynamic Range Amplifier
AH2 WJCI-AH2 Datasheet
393Kb / 5P
High Dynamic Range Amplifier
AP602 WJCI-AP602 Datasheet
840Kb / 11P
High Dynamic Range 4W 28V HBT Amplifier
AP603 WJCI-AP603 Datasheet
1Mb / 14P
High Dynamic Range 7W 28V HBT Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com