Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP601 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AP601
Description  High Dynamic Range 1.8W 28V HBT Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP601 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AP601 Datasheet HTML 1Page - WJ Communication. Inc. AP601 Datasheet HTML 2Page - WJ Communication. Inc. AP601 Datasheet HTML 3Page - WJ Communication. Inc. AP601 Datasheet HTML 4Page - WJ Communication. Inc. AP601 Datasheet HTML 5Page - WJ Communication. Inc. AP601 Datasheet HTML 6Page - WJ Communication. Inc. AP601 Datasheet HTML 7Page - WJ Communication. Inc. AP601 Datasheet HTML 8Page - WJ Communication. Inc. AP601 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 10 May 2007 ver 1
AP601
High Dynamic Range 1.8W 28V HBT Amplifier
Application Circuit PC Board Layout
Circuit Board Material: 0.0147” Rogers Ultralam 2000, single layer, 1 oz
copper,
εr = 2.45, Microstrip line details: width = .042”, spacing = .050”
Baseplate Configuration
Notes:
1. Please note that for reliable operation, the evaluation board will have to be mounted to a much larger
heat sink during operation and in laboratory environments to dissipate the power consumed by the
device. The use of a convection fan is also recommended in laboratory environments.
2. The area around the module underneath the PCB should not contain any soldermask in order to
maintain good RF grounding.
3. For proper and safe operation in the laboratory, the power-on sequencing is recommended.
Evaluation Board Bias Procedure
Following bias procedure is recommended to ensure proper functionality of AP601 in a laboratory environment. The sequencing is not
required in the final system application.
Bias.
Voltage (V)
Vcc
+28
Vbias
+5
Vpd
+5
Turn-on Sequence:
1.
Attach input and output loads onto the evaluation board.
2.
Turn on power supply Vcc = +28V.
3.
Turn on power supply Vbias = +5V. At this point, the only current drawn by the device is leakage current (< 25μA).
4.
Turn on power supply Vpd = +5V. Power supply Vcc should now be drawing typical Icq = 40 mA.
5.
Turn on RF power.
Turn-off Sequence:
1.
Turn off RF power.
2.
Turn off power supply Vpd = +5V.
3.
Turn off power supply Vbias = +5V.
4.
Turn off power supply Vcc = +28V.
Notes:
1.
Icq can be adjusted with the resistor R2 from the Vpd (+5V) supply and the PIN_VPD (pin14) of the amplifier. Increasing R2
results in a lower Icq. Icq should not be increased above 80mA.
2.
Vpd is used as a reference for the internal active bias circuitry. It can be used to turn on/off the amplifier. Ipd depends on the Icq
quiescent current setting. Ipd can be up to 2mA at a quiescent current setting of 40mA.
3.
Vbias should be maintained fixed at +5V. Ibias will change based on RF input power level. It can be up to 2mA on the AP601.
Ipd vs Icq
0
0.5
1
1.5
2
020
40
60
80
100
Icq Setting (mA)
Ibias vs Output Power
0
0.5
1
1.5
2
18
20
22
24
26
28
Output Average Power (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com