Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP601 Datasheet(PDF) 9 Page - WJ Communication. Inc.

Part # AP601
Description  High Dynamic Range 1.8W 28V HBT Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP601 Datasheet(HTML) 9 Page - WJ Communication. Inc.

Back Button AP601 Datasheet HTML 2Page - WJ Communication. Inc. AP601 Datasheet HTML 3Page - WJ Communication. Inc. AP601 Datasheet HTML 4Page - WJ Communication. Inc. AP601 Datasheet HTML 5Page - WJ Communication. Inc. AP601 Datasheet HTML 6Page - WJ Communication. Inc. AP601 Datasheet HTML 7Page - WJ Communication. Inc. AP601 Datasheet HTML 8Page - WJ Communication. Inc. AP601 Datasheet HTML 9Page - WJ Communication. Inc. AP601 Datasheet HTML 10Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 9 of 10 May 2007 ver 1
AP601
High Dynamic Range 1.8W 28V HBT Amplifier
2320-2380 MHz WiBro Application Circuit
Typical WCDMA Performance at 25
°C
at a channel power of +23 dBm
Frequency
2350 MHz
W-CDMA Channel Power
+23 dBm
Power Gain
14 dB
ACLR
-50 dBc
Operating Current, Icc
50 mA
Collector Efficiency
14 %
Output P1dB
+32.5 dBm
Quiescent Current, Icq
40 mA
Vpd, Vbias
+5 V
Vcc
+28 V
Notes:
1. The primary RF microstrip line is 50
Ω.
2. Components shown on the silkscreen but not on the schematic are not used.
3. The center of C3 is placed at 0.050” (5.1
° @ 2.35 GHz) from the edge of the AP601 (U1).
4. The center of C19 is placed at 0.650” (66.6
° @ 2.35 GHz) from the edge of the AP601 (U1).
5. The center of C30 is placed at 0.110” (11.3
° @ 2.35 GHz) from the center of C19.
6. The center of C31 is placed at 0.040” (4.1
° @ 2.35 GHz) from the center of C19.
7. The bold-faced RF trace is for the DC bias feed. The stub’s length is approximately a ¼ λ.
2320-2380 MHz Application Circuit Performance Plots
Gain vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 40 mA, 25 ˚C
10
11
12
13
14
15
22
24
26
28
30
32
34
Output Power (dBm)
2320 MHz
2350 MHz
2380 MHz
Efficiency vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 40 mA, 25 ˚C
0
10
20
30
40
50
60
22
24
26
28
30
32
34
Output Power (dBm)
2320 MHz
2350 MHz
2380 MHz
ACLR1 vs. Output Power vs. Frequency
Vcc = 28V, Icq = 40 mA, 25 ˚C
-60
-55
-50
-45
-40
20
21
22
23
24
25
Average Output Power (dBm)
2320 MHz
2350 MHz
2380 MHz
WCDMA 3GPP TM 1+64DPCH,
60% clipping, PAR = 8.6 dB
EVM vs. Output Power
Vcc = 28V, Icq = 40 mA, 25 ˚C, 2350 MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
20
21
22
23
24
25
Output Power (dBm)
WCDMA 3GPP TM 1+64DPCH,
60% clipping, PAR = 8.6 dB
Efficiency vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 40 mA, 25 ˚C
0
5
10
15
20
25
20
21
22
23
24
25
Average Output Power (dBm)
2320 MHz
2350 MHz
2380 MHz
WCDMA 3GPP TM 1+64DPCH,
60% clipping, PAR = 8.6 dB
C3
1.6pF
See note 3
C30
0.2pF
See note 5
C7
1000pF
C32
22pF
W = .030”
L = .590”
C31
1.1pF
See note 6
C19
0.6pF
See note 4
22pF
22pF
C33
C34
C31
C30
C19
C32 C33 C34



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com