Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS101 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PLS101
Description  Programmable logic arrays 16 횞 48 횞 8
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS101 Datasheet(HTML) 3 Page - NXP Semiconductors

  PLS101 Datasheet HTML 1Page - NXP Semiconductors PLS101 Datasheet HTML 2Page - NXP Semiconductors PLS101 Datasheet HTML 3Page - NXP Semiconductors PLS101 Datasheet HTML 4Page - NXP Semiconductors PLS101 Datasheet HTML 5Page - NXP Semiconductors PLS101 Datasheet HTML 6Page - NXP Semiconductors PLS101 Datasheet HTML 7Page - NXP Semiconductors PLS101 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS100/PLS101
Programmable logic arrays
(16
× 48 × 8)
October 22, 1993
51
FUNCTIONAL DIAGRAM
I0
I1
I15
TYPICAL CONNECTION
TYPICAL CONNECTION
P0
P1
P47
S0
S6
S7
F0
F6
F7
CE
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATINGS
UNIT
VCC
Supply voltage
+7.0
VDC
VIN
Input voltage
+5.5
VDC
VO
Output voltage
+5.5
VDC
IIN
Input current
±30
mA
IOUT
Output current
+100
mA
Tamb
Operating temperature range
0 to +75
°C
Tstg
Storage temperature range
–65 to +150
°C
NOTE:
1. Stresses above those listed may cause malfunction or permanent damage to the device.
This is a stress rating only. Functional operation at these or any other conditions above
those indicated in the operational and programming specification of the device is not
implied.
THERMAL RATINGS
TEMPERATURE
Maximum junction
150
°C
Maximum ambient
75
°C
Allowable thermal rise
ambient to junction
75
°C
The PLS100 device is also processed to
military requirements for operation over the
military temperature range. For specifications
and ordering information consult the Philips
Semiconductors Military Data Handbook.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com