Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS101 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PLS101
Description  Programmable logic arrays 16 횞 48 횞 8
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS101 Datasheet(HTML) 1 Page - NXP Semiconductors

  PLS101 Datasheet HTML 1Page - NXP Semiconductors PLS101 Datasheet HTML 2Page - NXP Semiconductors PLS101 Datasheet HTML 3Page - NXP Semiconductors PLS101 Datasheet HTML 4Page - NXP Semiconductors PLS101 Datasheet HTML 5Page - NXP Semiconductors PLS101 Datasheet HTML 6Page - NXP Semiconductors PLS101 Datasheet HTML 7Page - NXP Semiconductors PLS101 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS100/PLS101
Programmable logic arrays
(16
× 48 × 8)
49
October 22, 1993
853–0308 11164
DESCRIPTION
The PLS100 (3-State) and PLS101 (Open
Collector) are bipolar, fuse Programmable
Logic Arrays (PLAs). Each device utilizes the
standard AND/OR/Invert architecture to
directly implement custom sum of product
equations.
Each device consists of 16 dedicated inputs
and 8 dedicated outputs. Each output is
capable of being actively controlled by any or
all of the 48 product terms. The True,
Complement, or Don’t Care condition of each
of the 16 inputs and be ANDed together to
comprise one P-term. All 48 P-terms can be
selectively ORed to each output.
The PLS100 and PLS101 are fully TTL
compatible, and chip enable control for
expansion of input variables and output
inhibit. They feature either Open Collector or
3-State outputs for ease of expansion of
product terms and application in
bus-organized systems.
Order codes are listed in the Ordering
Information Table.
FEATURES
• Field-programmable (Ni-Cr link)
• Input variables: 16
• Output functions: 8
• Product terms: 48
• I/O propagation delay: 50ns (max.)
• Power dissipation: 600mW (typ.)
• Input loading: –100µA (max.)
• Chip Enable input
• Output option:
– PLS100: 3-State
– PLS101: Open-Collector
• Output disable function:
– 3-State: Hi-Z
– Open-Collector: High
APPLICATIONS
• CRT display systems
• Code conversion
• Peripheral controllers
• Function generators
• Look-up and decision tables
• Microprogramming
• Address mapping
• Character generators
• Data security encoders
• Fault detectors
• Frequency synthesizers
• 16-bit to 8-bit bus interface
• Random logic replacement
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
N Package
FE
*
I7
I6
I5
I4
I3
I2
I1
I0
F7
F6
F5
F4
GND
VCC
I8
I9
I10
I11
I12
I14
CE
F0
F1
F2
F3
I15
I13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
FE
A Package
F7
I7
I6
I5
I4
I3
I2
I1
I0
F6
F5 F4 GND
F2
F1
F0
I9
I8
VCC
F3
CE
I10
I11
I12
I14
I15
I13
* Fuse Enable Pin: It is recommended that this pin
be left open or connected to ground during normal
operation.
N = Plastic DIP (600mil-wide)
A = Plastic Leaded Chip Carrier
ORDERING INFORMATION
DESCRIPTION
3-STATE
OPEN COLLECTOR
DRAWING NUMBER
28-Pin Plastic Dual In-Line 600mil-wide
PLS100N
PLS101N
0413D
28-Pin Plastic Leaded Chip Carrier
PLS100A
PLS101A
0401F


Similar Part No. - PLS101

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PLS120A LITTELFUSE-PLS120A Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Clarke International
PLS130AH CLARKE-PLS130AH Datasheet
2Mb / 12P
POWER WASHER
DL0924 Rev 9
logo
Satco Products, Inc.
PLS132700KSPIRAL SATCO-PLS132700KSPIRAL Datasheet
125Kb / 1P
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-1 (4-Pin) base
logo
Clarke International
PLS135AH CLARKE-PLS135AH Datasheet
3Mb / 16P
POWER WASHER
LS0818 - ISS 10
logo
NXP Semiconductors
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
More results

Similar Description - PLS101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS173B PHILIPS-PLUS173B Datasheet
73Kb / 8P
Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
logo
Texas Instruments
TIB82S105BC TI1-TIB82S105BC Datasheet
312Kb / 14P
16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
logo
NXP Semiconductors
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com