Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXES0050 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAMXES0050
Description  E-Series Surface Mount Mixer 2110 - 2170 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0050 Datasheet(HTML) 1 Page - Tyco Electronics

  MAMXES0050 Datasheet HTML 1Page - Tyco Electronics MAMXES0050 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 1.0
1
Features
• LO Power +7 dBm
• Up to +1 dBm RF
• Surface Mount
• Low Profile
Description
M/A-COM’s MAMXES0050 is a Low Cost, Broadband, high
performance Double Balanced Mixer designed for use in high
volume wireless applications. The device has been optimised by
careful selection of the Schottky Diode and Balun Transformer for
excellent performance. MAMXES0050 is available in an SM-87
surface mount package and reflows using standard soldering
reflow profiles.
SM-87 Package
Electrical Specifications @ +25°C, Z0 = 50 Ohms, LO = +7dBm
E-Series Surface Mount Mixer
2110 – 2170 MHz
MAMXES0050
Note: Non Hermetic Package
Electrical Specifications @ +25°C, Z0 = 50 Ohms, LO = +7dBm
Parameter
Units
Minimum
Typical
Maximum
Frequency Range
RF
2110 - 2170
LO
134 - 246
IF
1920 - 1980
MHz
MHz
MHz
—
—
—
—
—
—
—
—
—
Conversion Loss
2110 - 2170
dB
—
—
10
11.2
Isolation
(LO - RF)
134 - 246
MHz
20
22
—
—
—
Isolation
(LO - IF)
350 - 750
MHz
18
22
—
—
—
RF Input for 1dB Compression
dBm
—
—
+1


Similar Part No. - MAMXES0050

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXES0001 MACOM-MAMXES0001 Datasheet
124Kb / 2P
E-Series Surface Mount Mixer 5 - 1900 MHz
MAMXES0004 MACOM-MAMXES0004 Datasheet
112Kb / 2P
E-Series Surface Mount Mixer 925-960 MHz
MAMXES0005 MACOM-MAMXES0005 Datasheet
138Kb / 2P
E-Series Surface Mount Mixer 1920-1980 MHz
MAMXES0005TR MACOM-MAMXES0005TR Datasheet
138Kb / 2P
E-Series Surface Mount Mixer 1920-1980 MHz
MAMXES0006 MACOM-MAMXES0006 Datasheet
122Kb / 2P
E-Series Surface Mount Mixer 1805-1990 MHz
More results

Similar Description - MAMXES0050

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMRS-1L MACOM-EMRS-1L Datasheet
131Kb / 2P
E-Series Surface Mount Mixer 0.5.500 MHz
EFM-2100 MACOM-EFM-2100 Datasheet
88Kb / 4P
E-Series Surface Mount Mixer 2110-2170MHz
logo
M/A-COM Technology Solu...
MAMX-007247-MRS5MH MA-COM-MAMX-007247-MRS5MH Datasheet
45Kb / 2P
E-Series Surface Mount Mixer 5 - 1500 MHz
MAMX-007253-ES0067 MA-COM-MAMX-007253-ES0067 Datasheet
147Kb / 2P
E-Series Surface Mount Mixer 10 - 2000 MHz
MAMX-008786-ES0120 MA-COM-MAMX-008786-ES0120 Datasheet
83Kb / 2P
E-Series Surface Mount Mixer 880 - 915 MHz
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP Datasheet
156Kb / 2P
E-Series Surface Mount Mixer 30-512 MHz
MAMXES0028 MA-COM-MAMXES0028 Datasheet
103Kb / 3P
E-Series Surface Mount Mixer 1 - 1000 MHz
MAMXES0117 MA-COM-MAMXES0117 Datasheet
165Kb / 4P
E-Series Surface Mount Mixer 80 - 2500 MHz
ELCM-11F MA-COM-ELCM-11F Datasheet
156Kb / 2P
E-Series Surface Mount Mixer 350 - 2000 MHz
logo
WALSIN TECHNOLOGY CORPO...
SF11092140B102T WALSIN-SF11092140B102T Datasheet
734Kb / 8P
2110~2170 MHz Band Working Frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com