Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXES0050 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAMXES0050
Description  E-Series Surface Mount Mixer 2110 - 2170 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0050 Datasheet(HTML) 2 Page - Tyco Electronics

  MAMXES0050 Datasheet HTML 1Page - Tyco Electronics MAMXES0050 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 1.0
1
E-Series Surface Mount Mixer, 2110-2170 MHz
MAMXES0050
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
50 mW
Peak IF Current
40 mA
Storage Temperature
-55°C to +100°C
Operating Temperature
-55°C to +100°C
Pin Temperature (10 Seconds)
260°C
Functional Configuration
Function
Pin No.
LO
5
RF
4
IF
1
Ground
2, 3, 6
Case Ground
—
Unconnected
—
Typical Performance @ +25°C
Conversion Loss
L-R Isolation
L-I Isolation
-12.0
-11.0
-10.0
-9.0
-8.0
-7.0
-6.0
2084.0
2104.0
2124.0
2144.0
2164.0
2184.0
Frequency (MHz)
-30.0
-28.0
-26.0
-24.0
-22.0
-20.0
-18.0
-16.0
134.0
154.0
174.0
194.0
214.0
234.0
Frequency (MHz)
-25.0
-24.0
-23.0
-22.0
-21.0
-20.0
-19.0
-18.0
-17.0
-16.0
-15.0
134.0
154.0
174.0
194.0
214.0
234.0
Frequency (MHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com